Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST9040 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST9040
Description  16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9040 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST9040 Datasheet HTML 24Page - STMicroelectronics ST9040 Datasheet HTML 25Page - STMicroelectronics ST9040 Datasheet HTML 26Page - STMicroelectronics ST9040 Datasheet HTML 27Page - STMicroelectronics ST9040 Datasheet HTML 28Page - STMicroelectronics ST9040 Datasheet HTML 29Page - STMicroelectronics ST9040 Datasheet HTML 30Page - STMicroelectronics ST9040 Datasheet HTML 31Page - STMicroelectronics ST9040 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Parameter
Typical (1)
Minimum
Maximum
Units (2)
Notes
Analog Input Range
AVCC
3
AVCC
VCC
V
Conversion time
11.5
µs
(3, 4)
Sample time
3
µs
(3)
Power-up time
60
µs
Resolution
8
8
βιτσ
Monotonicity
GUARANTEED
No missing codes
GUARANTEED
Zero input reading
00
Hex
Full scale reading
FF
Hex
Offset error
.5
1
LSBs
(2,6)
Gain error
.5
1
LSBs
(6)
Diff. Non Linearity
±.3
±.2
±.5
LSBs
(6)
Int. Non Linearity
1
LSBs
(6)
Absolute Accuracy
1
LSBs
(6)
S/N
45
49
dB
AVCC/AVSS Resistance
13.5
16
11
K
Input Resistance
12
8
15
K
(5)
Hold Capacitance
30
pF
Input Leakage
±3
µA
Notes:
1.
The values are expected at 25 degree Centigrade with AVCC =5V
2.
“LSBs”, as used here, has a value of AVCC/256
3.
@ 12MHz internal clock
4.
Including sample time
5.
It must be intended as the internal series resistance before the sampling capacitor
6.
This is a typical expected value, but not a tested production parameter.
If V(i) is the value of the i-th transition level (0 < i < 254), the performance of the A/D co nverter has been valued as follows:
OFFSET ERROR = deviation between the actual V(0) and the ideal V(0) (=1/2 LSB)
GAIN ERROR = deviation between the actual V(254) and the ideal V(254) (=AVCC-3/2 LSB)
DNL ERROR = max {[V(i) - V(i-1)]/LSB - 1}
INL ERROR = max {[V(i) - V(0)]/LSB - i}
A/D ANALOG SPECIFICATIONS
®
ST9040
28/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com