Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6560 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6560
Description  Quad, High-Speed, Closed-Loop Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6560 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6560 Datasheet HTML 1Page - National Semiconductor (TI) LMH6560 Datasheet HTML 2Page - National Semiconductor (TI) LMH6560 Datasheet HTML 3Page - National Semiconductor (TI) LMH6560 Datasheet HTML 4Page - National Semiconductor (TI) LMH6560 Datasheet HTML 5Page - National Semiconductor (TI) LMH6560 Datasheet HTML 6Page - National Semiconductor (TI) LMH6560 Datasheet HTML 7Page - National Semiconductor (TI) LMH6560 Datasheet HTML 8Page - National Semiconductor (TI) LMH6560 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
Human Body Model
2000V (Note 2)
Machine Model
200V (Note 3)
Output Short Circuit Duration
(Note 4),(Note 5)
Supply Voltage (V
+ –V−)
13V
Voltage at Input/Output Pins
V
+ +0.8V, V− −0.8V
Soldering Information
Infrared or Convection (20 sec.)
235˚C
Wave Soldering (10 sec.)
260˚C
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 6)
+150˚C
Operating Ratings (Note 1)
Supply Voltage (V
+ –V−)
3-10V
Operating Temperature Range
(Note 6), (Note 7)
−40˚C to +85˚C
Package Thermal Resistance (
θ
JA) (Note 6), (Note 7)
14-Pin SOIC
137˚C/W
14-Pin TSSOP
160˚C/W
±5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +5V, V− = −5V, V
O =VCM = 0V and RL = 100
Ω to 0V.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 9)
Typ
(Note 8)
Max
(Note 9)
Units
Frequency Domain Response
SSBW
Small Signal Bandwidth
V
O < 0.5VPP
680
MHz
GFN
Gain Flatness < 0.1dB
V
O < 0.5VPP
375
MHz
FPBW
Full Power Bandwidth (−3dB)
V
O =2VPP (+10dBm)
280
MHZ
DG
Differential Gain
R
L = 150
Ω to 0V;
f = 3.58MHz
0.10
%
DP
Differential Phase
R
L = 150
Ω to 0V;
f = 3.58MHz
0.03
deg
Time Domain Response
t
r
Rise Time
3.3V Step (20-80%)
0.6
ns
t
f
Fall Time
0.7
ns
t
s
Settling Time to 0.1%
3.3V Step
9
ns
OS
Overshoot
1V Step
4
%
SR
Slew Rate
(Note 11)
3100
V/µs
Distortion And Noise Performance
HD2
2
nd Harmonic Distortion
V
O =2VPP; f = 20MHz
−58
dBc
HD3
3
rd Harmonic Distortion
V
O =2VPP; f = 20MHz
−52
dBc
THD
Total Harmonic Distortion
V
O =2VPP; f = 20MHz
−51
dBc
e
n
Input-Referred Voltage Noise
f = 1MHz
3
nV/
CP
1dB Compression Point
f = 10MHz
+23
dBm
CT
Amplifier Crosstalk
Receiving Amplifier:
R
S =50
Ω to 0V; f = 10MHz
−55
dB
SNR
Signal to Noise Ratio
f = 5MHz; V
O =1VPP
120
dB
AGM
Amplifier Gain Matching
R
L =2k
Ω to 0V; f = 5MHz;
V
O =1VPP
0.05
dB
Static, DC Performance
A
CL
Small Signal Voltage Gain
V
O = 100mVPP
R
L = 100
Ω to 0V
0.97
0.995
V/V
V
O = 100mVPP
R
L =2k
Ω to 0V
0.99
0.998
V
OS
Input Offset Voltage
2
20
25
mV
TC V
OS
Temperature Coefficient Input
Offset Voltage
(Note 12)
28
µV/˚C
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com