Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6560 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6560
Description  Quad, High-Speed, Closed-Loop Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6560 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6560 Datasheet HTML 1Page - National Semiconductor (TI) LMH6560 Datasheet HTML 2Page - National Semiconductor (TI) LMH6560 Datasheet HTML 3Page - National Semiconductor (TI) LMH6560 Datasheet HTML 4Page - National Semiconductor (TI) LMH6560 Datasheet HTML 5Page - National Semiconductor (TI) LMH6560 Datasheet HTML 6Page - National Semiconductor (TI) LMH6560 Datasheet HTML 7Page - National Semiconductor (TI) LMH6560 Datasheet HTML 8Page - National Semiconductor (TI) LMH6560 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
±5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +5V, V− = −5V, V
O =VCM = 0V and RL = 100
Ω to 0V.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 9)
Typ
(Note 8)
Max
(Note 9)
Units
I
B
Input Bias Current
(Note 10)
−10
−14
−5
µA
TC I
B
Temperature Coefficient Input
Bias Current
(Note 12)
−4.7
nA/˚C
R
OUT
Output Resistance
R
L = 100
Ω to 0V; f = 100kHz
1.5
Ω
R
L = 100
Ω to 0V; f = 10MHz
1.6
PSRR
Power Supply Rejection Ratio
V
S = ±5V to VS = ±5.25V;
V
IN =0V
48
44
67
dB
I
S
Supply Current, All 4 Buffers
No Load
46
58
63
mA
Miscellaneous Performance
R
IN
Input Resistance
100
k
Ω
C
IN
Input Capacitance
2
pF
V
O
Output Swing Positive
R
L = 100
Ω to 0V
3.10
3.08
3.34
V
R
L =2k
Ω to 0V
3.58
3.55
3.64
Output Swing Negative
R
L = 100
Ω to 0V
−3.34
−3.20
−3.17
V
R
L =2k
Ω to 0V
−3.64
−3.58
−3.55
I
SC
Output Short Circuit Current
Sourcing: V
IN =V
+;V
O = 0V
−83
mA
Sinking: V
IN =V
−;V
O =0V
83
I
O
Linear Output Current
Sourcing: V
IN -VO = 0.5V
(Note 10)
−50
−42
−74
mA
Sinking: V
IN -VO = −0.5V
(Note 10)
50
40
74
5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +5V, V− = 0V, V
O =VCM =V
+/2 and R
L = 100
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 9)
Typ
(Note 8)
Max
(Note 9)
Units
Frequency Domain Response
SSBW
Small Signal Bandwidth
V
O < 0.5VPP
455
MHz
GFN
Gain Flatness < 0.1dB
V
O < 0.5VPP
75
MHz
FPBW
Full Power Bandwidth (−3dB)
V
O =2VPP (+10dBm)
175
MHZ
DG
Differential Gain
R
L = 150
Ω to V+/2;
f = 3.58MHz
0.4
%
DP
Differential Phase
R
L = 150
Ω to V+/2;
f = 3.58MHz
0.09
deg
Time Domain Response
t
r
Rise Time
2.3V
PP Step (20-80%)
0.8
ns
t
f
Fall Time
1.0
ns
t
s
Settling Time to 0.1%
2.3V Step
10
ns
OS
Overshoot
1V Step
0
%
SR
Slew Rate
(Note 11)
1445
V/µs
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com