Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEO12F48 Datasheet(PDF) 24 Page - Astec America, Inc

Part # AEO12F48
Description  AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEO12F48 Datasheet(HTML) 24 Page - Astec America, Inc

Back Button AEO12F48 Datasheet HTML 18Page - Astec America, Inc AEO12F48 Datasheet HTML 19Page - Astec America, Inc AEO12F48 Datasheet HTML 20Page - Astec America, Inc AEO12F48 Datasheet HTML 21Page - Astec America, Inc AEO12F48 Datasheet HTML 22Page - Astec America, Inc AEO12F48 Datasheet HTML 23Page - Astec America, Inc AEO12F48 Datasheet HTML 24Page - Astec America, Inc AEO12F48 Datasheet HTML 25Page - Astec America, Inc AEO12F48 Datasheet HTML 26Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Technical Reference Notes
AEO_ALO04/12/20/25x48 Series
(Single Output 8th Brick)
MODEL: AEO_ALO04/12/20/25x48 SERIES
SHEET 24 OF 26
AUGUST 25, 2005 - REVISION G
Mechanical Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Dimension
All
L
-
2.30 [58.42]
-
in [ mm ]
W
-
0.90 [22.90]
-
in [ mm ]
AEO
ALO
H
H
-
-
-
-
0.40 [10.1]
0.32 [8.2]
in [ mm ]
Weight
AEO
-
34.02 [1.2]
-
g [oz]
ALO
-
22.68 [0.8]
-
g [oz]
PIN ASSIGNMENT
1+VIN
5-SENSE
2
ENABLE
6
TRIM
3-VIN
7+SENSE
4-Vo
8
+Vo
Figure 62A. ALO (Openframe) Mechanical outline.
0.90
[22.9]
2.30
[58.4]
PINSIDEDOWN
- Vin
+Vin
E
-Sense
Trim
+Sense
-Output
+Output
0.32
[8.2]
2.00
[50.8]
0.15
[3.8]
0.30
[7.6]
0.45
[11.4] 0.60
[15.2] 0.75
[19.0]
0.15
[3.8]
0.45
[11.4]
0.75
[19.0]
PINSIDEDOWN
2.30
[58.4]
E
- Vin
+Vin
-Sense
Trim
+Sense
-Output
+Output
0.90
[22.9]
0.31
[7.9]
0.15
[3.9]
0.75
[19.1]
2.19
[55.5]
0.15
[3.8]
0.30
[7.6]
0.45
[11.4] 0.60
[15.2] 0.75
[19.1]
0.15
[3.8]
0.45
[11.4]
THRU-HOLE
SURFACE MOUNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com