Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEO12F48 Datasheet(PDF) 26 Page - Astec America, Inc

Part # AEO12F48
Description  AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEO12F48 Datasheet(HTML) 26 Page - Astec America, Inc

Back Button AEO12F48 Datasheet HTML 18Page - Astec America, Inc AEO12F48 Datasheet HTML 19Page - Astec America, Inc AEO12F48 Datasheet HTML 20Page - Astec America, Inc AEO12F48 Datasheet HTML 21Page - Astec America, Inc AEO12F48 Datasheet HTML 22Page - Astec America, Inc AEO12F48 Datasheet HTML 23Page - Astec America, Inc AEO12F48 Datasheet HTML 24Page - Astec America, Inc AEO12F48 Datasheet HTML 25Page - Astec America, Inc AEO12F48 Datasheet HTML 26Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
Technical Reference Notes
AEO_ALO04/12/20/25x48 Series
(Single Output 8th Brick)
MODEL: AEO_ALO04/12/20/25x48 SERIES
SHEET 26 OF 26
AUGUST 25, 2005 - REVISION G
RECOMMENDED REFLOW PROFILE
0
20
40
60
80
100
120
140
160
180
200
220
240
0
30
60
90
120
150
180
210
240
270
300
TIME (seconds)
SOLDERING CONSIDERATIONS
The AEO (baseplate) series converters are compatible
with standard wave soldering techniques. When wave
soldering, the converter pins should be preheated for
20-30 seconds at 110
°C and wave soldered at 260°C
for less than 10 seconds.
When hand soldering, the iron temperature should be
maintained at 425
°C and applied to the converter pins
for less than 5 seconds. Longer exposure can cause
internal damage to the converter. Cleaning can be
performed with cleaning solvent IPA or with water.
For SMT terminated modules, refer to Figure 64 for
the recommended reflow profile.
Figure 64. Recommended reflow profile for SMT modules.
TABLE 2: PART NUMBERING SCHEME
CONSTRUCTION
O/P CURRENT
O/P VOLTAGE
Vin
Enable
PIN LENGTH
TERMINATION
A
w
O
xx
y
48
N
-
6
S
L = Open frame
E = Baseplate
04 = 4A
12 = 12A
20 = 20A
20 = 20A
25 = 25A
25 = 25A
25 = 25A
B =12V
A =5V
F =3.3V
G =2.5V
Y =1.8V
M =1.5V
K =1.2V
N = Negative
Blank = Positive
6 = 3.7mm
blank = 5mm
default
S = SMT Termination
Blank = thru-hole
Note: 1) For Through Hole termination:
- Std pin length is 5mm nominal (min: 0.189 [4.8]; max: 0.205 [5.2] / in [mm])
- “-6” option is 3.7mm nominal (min: 0.137 [3.5]; max: 0.152 [3.9] / in [mm])
- Pins 4&8 diameter:
∅ = 0.062 [1.57], others: ∅ = 0.04 [1.0] (6X)
Please call 1-888-41-ASTEC for further inquiries
or visit us at www.astecpower.com
PRE-HEAT ZONE
120 - 180 sec
REFLOW
ZONE
< 80 sec
110
°C
183
°C
PEAK TEMPERATURE
200
°C - 230°C
SLOPE
< 4
°C /sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com