Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEO12F48 Datasheet(PDF) 4 Page - Astec America, Inc

Part # AEO12F48
Description  AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEO12F48 Datasheet(HTML) 4 Page - Astec America, Inc

  AEO12F48 Datasheet HTML 1Page - Astec America, Inc AEO12F48 Datasheet HTML 2Page - Astec America, Inc AEO12F48 Datasheet HTML 3Page - Astec America, Inc AEO12F48 Datasheet HTML 4Page - Astec America, Inc AEO12F48 Datasheet HTML 5Page - Astec America, Inc AEO12F48 Datasheet HTML 6Page - Astec America, Inc AEO12F48 Datasheet HTML 7Page - Astec America, Inc AEO12F48 Datasheet HTML 8Page - Astec America, Inc AEO12F48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Technical Reference Notes
AEO_ALO04/12/20/25x48 Series
(Single Output 8th Brick)
MODEL: AEO_ALO04/12/20/25x48 SERIES
SHEET 4 OF 26
AUGUST 25, 2005 - REVISION G
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typical
Max
Unit
Output Current-limit Inception
VO = 90% VO, NOM; TA = 25ºC
VIN = VIN, NOM
Non-latching / auto-recovery
B (12V0)
A (5V0)
F (3V3)
G (2V5)
Y (1V8)
M (1V5)
K (1V2)
IO, OCP
5.0
16.0
23.5
23.5
27.0
27.0
27.0
-
-
-
-
-
-
-
7.8
23.9
30.0
30.0
48.0
48.0
48.0
A
External Load Capacitance
IO = IO, MAX , resistive load
Capacitor ESR
All
B (12V0)
CEXT
-
-
4
-
-
10,000
1,500
-
µF
m
Ω
Efficiency
VIN = VIN, NOM; IO = IO, MAX
TA = 25ºC
B (12V)
A (5.0V)
F (3.3V)
G (2.5V)
Y (1.8V)
M (1.5V)
K (1.2V)
η
η
η
η
η
η
η
92.0
92.0
90.0
89.0
88.5
87.0
85.0
93.0
93.0
91.0
90.0
90.0
88.5
87.0
94.0
94.0
93.0
92.0
91.0
90.5
88.0
%
Output Over Voltage Protection
Non-latching / autorecovery
B (12V)
A (5.0V)
F (3.3V)
G (2.5V)
Y (1.8V)
M (1.5V)
K (1.2V)
VO, OVP
13.8
5.80
3.80
2.90
2.10
1.75
1.38
14.4
6.00
4.00
3.00
2.30
1.85
1.50
15.0
6.20
4.30
3.20
2.50
2.38
1.80
V
Over Temperature Protection
AEO
ALO
110
110
-
-
120
120
°C
Input to Output Turn-On Delay
VIN = VIN, NOM
IO = IO, MAX
All
5V, 12V
-
-
-
-
-
-
17
20
ms
Enable to Output Turn-On Delay
VIN = VIN, NOM
IO = IO, MAX
All
-
-
-
-
-
-
17
20
ms
Output Voltage Rise Time
10% to 90% of VO
VIN = VIN, NOM
IO = IO, MAX
All
5V
12V
-
-
-
-
-
-
3
4
9
9
11
16
ms
Switching Frequency
All
FSW
380
450
520
kHz
Output Voltage Remote Sensing
All
-
-
-
10
%VO
Output Voltage Trim Range6
All
90
110
%VO
Output Voltage Overshoot
All
-
-
0
3
%Vo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com