Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FVXO-PC72 Datasheet(PDF) 4 Page - Fox Electronics

Part # FVXO-PC72
Description  LVPECL 7 x 5mm 2.5V VCXO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-PC72 Datasheet(HTML) 4 Page - Fox Electronics

  FVXO-PC72 Datasheet HTML 1Page - Fox Electronics FVXO-PC72 Datasheet HTML 2Page - Fox Electronics FVXO-PC72 Datasheet HTML 3Page - Fox Electronics FVXO-PC72 Datasheet HTML 4Page - Fox Electronics FVXO-PC72 Datasheet HTML 5Page - Fox Electronics FVXO-PC72 Datasheet HTML 6Page - Fox Electronics FVXO-PC72 Datasheet HTML 7Page - Fox Electronics FVXO-PC72 Datasheet HTML 8Page - Fox Electronics FVXO-PC72 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FVXO-PC72 Series
Page 4 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Output Wave Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Low Output Voltage
VOL
0.75 MHz to 1.0 GHz
0.68V Typ
High Output Voltage
VOH
0.75 MHz to 1.0 GHz
1.4V Typ
Output Symmetry (See Drawing Below)
@ 50% VP-P Level
45% ~ 55%
Output Enable (PIN # 2) Voltage
VIH
≥ 70% V
DD
Output Disable (PIN # 2) Voltage
VIL
≤ 30% V
DD
Cycle Rise Time (See Drawing Below)
TR
20%~80% Vp-p
400 pS
Cycle Fall Time (See Drawing Below)
TF
80%~20% Vp-p
400 pS
Period
1/2 Period
OUTPUT 1
OUTPUT 2
Oscillator Symmetry
20% to 80 %
DD
50% V
Rise Time / Fall Time Measurements
Ideally, Symmetry should be 50/50 for 1/2 period -- Other expressions are 45/55 or 55/45
R
T
F
T
OUTPUT 1
OUTPUT 2
1.4V Typ.
0.68V Typ.
1.4V Typ.
0.68V Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com