Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FVXO-PC72 Datasheet(PDF) 5 Page - Fox Electronics

Part # FVXO-PC72
Description  LVPECL 7 x 5mm 2.5V VCXO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-PC72 Datasheet(HTML) 5 Page - Fox Electronics

  FVXO-PC72 Datasheet HTML 1Page - Fox Electronics FVXO-PC72 Datasheet HTML 2Page - Fox Electronics FVXO-PC72 Datasheet HTML 3Page - Fox Electronics FVXO-PC72 Datasheet HTML 4Page - Fox Electronics FVXO-PC72 Datasheet HTML 5Page - Fox Electronics FVXO-PC72 Datasheet HTML 6Page - Fox Electronics FVXO-PC72 Datasheet HTML 7Page - Fox Electronics FVXO-PC72 Datasheet HTML 8Page - Fox Electronics FVXO-PC72 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FVXO-PC72 Series
Page 5 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Jitter is frequency dependent. Below are typical values at select frequencies.
Phase Jitter is integrated from HP3048 Phase Noise Measurement System; measured directly into 50 ohm input; VDD = 2.5V.
TIE was measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software; VDD = 2.5V.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
Rj and Dj, measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
LVPECL Phase Jitter & Time Interval Error (TIE)
Frequency
Phase Jitter
(12kHz to 20MHz)
T I E
(Sigma of Jitter Distribution)
Units
62.5 MHz
2.10
3.1
pS RMS
156.25 MHz
1.20
3.5
pS RMS
212.5 MHz
1.27
4.2
pS RMS
622.08MHz
1.68
3.7
pS RMS
LVPECL Random & Deterministic Jitter Composition
Frequency
Random (Rj)
(pS RMS)
Deterministic (Dj)
(pS P-P)
Total Jitter (Tj)
(14 x Rj) + Dj
62.5 MHz
1.35
10.5
30.5 pS
156.25 MHz
1.36
10.0
29.3 pS
212.5 MHz
1.33
11.8
30.8 pS
622.08 MHz
1.06
8.3
23.4 pS
Offset Frequency
(10Hz to 40MHz)
(dBc / Hz) vs. offset frequency
2.5V Phase Noise Graph
1k
-110dBc
-120dBc
-130dBc
-150dBc
-140dBc
-160dBc
10
100
-100dBc
-60dBc
-80dBc
-90dBc
-70dBc
-40dBc
-50dBc
-30dBc
-20dBc
-10dBc
0 dBc
1M
10k
100k
10M
40M
622.08 MHz
156.25 MHz
62.5 MHz
212.5 MHz
156.25 MHz
622.08 MHz
212.5 MHz
62.5 MHz
Data Collected using HP 3048A
Four Frequencies from Jitter Tables
62.5 MHz only to 2 MHz offset Equipment Limitation
Phase Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com