Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FVXO-PC72 Datasheet(PDF) 1 Page - Fox Electronics

Part # FVXO-PC72
Description  LVPECL 7 x 5mm 2.5V VCXO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-PC72 Datasheet(HTML) 1 Page - Fox Electronics

  FVXO-PC72 Datasheet HTML 1Page - Fox Electronics FVXO-PC72 Datasheet HTML 2Page - Fox Electronics FVXO-PC72 Datasheet HTML 3Page - Fox Electronics FVXO-PC72 Datasheet HTML 4Page - Fox Electronics FVXO-PC72 Datasheet HTML 5Page - Fox Electronics FVXO-PC72 Datasheet HTML 6Page - Fox Electronics FVXO-PC72 Datasheet HTML 7Page - Fox Electronics FVXO-PC72 Datasheet HTML 8Page - Fox Electronics FVXO-PC72 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Model: FVXO-PC72 SERIES
Page 1 of 15
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282
Taiwan Tel: +886.2.22073427 Fax +886.2.22073486 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
LVPECL 7 x 5mm 2.5V VCXO
Freq: 0.75 MHz to 1.0GHz
Applications
• ANY application requiring an oscillator
• SONET
• Ethernet
• Storage Area Network
• Broadband Access
• Microprocessors / DSP / FPGA
• Industrial Controllers
• Test and Measurement Equipment
• Fiber Channel
Contents
page
Model Selection & Part Number Guide
2
Electrical Characteristic
3
Absolute Maximums
3
Output Wave Characteristics
4
Phase Noise
5
Jitter
5
Pin Assignment
6
Recommended Circuit
6
Reflow
6
Mechanical Drawing and Pad Layout
7
Tape and Reel Specification
8
Label
8
Traceability – LOT Number & Serial Identification
9
RoHS Material Declaration
10
SGS Report
11 & 12
Mechanical Test
13
Burn-In Test
13
MTTF / FITS calculations
14
Other XPRESSO Links
15
Fox Contact Information
15
Description
The Fox XPRESSO Crystal Oscillator is a
breakthrough in configurable Frequency Control
Solutions. XPRESSO utilizes a family of
proprietary ASICs, designed and developed by
Fox, with a key focus on noise reduction
technologies.
The 3
rd order Delta Sigma Modulator reduces
noise to the levels that are comparable to
traditional Bulk Quartz and SAW oscillators.
The ASICs family has ability to select the output
type, input voltages, and temperature
performance features.
With the XPRESS lead-time, low cost, low noise,
wide frequency range, excellent ambient
performance, XpressO is an excellent choice
over the conventional technologies.
Finished XPRESSO parts are 100% final tested.
Rev. 03/12/2008
Features
XTREMELY Low Jitter
Low Cost
XPRESS Delivery
Frequency Resolution to six decimal places
Absolute Pull Range (APR) of ±50ppm
-20 to +70°C or -40 to +85°C operating temperatures
Tri-State Enable / Disable Feature
Industry Standard Package, Footprint & Pin-Out
Fully RoHS compliant
Gold over Nickel Termination Finish
Serial ID with Comprehensive Traceability
OUTPUT
Enable / Disable
V
GND
DD
For more information -- Click on the drawing
PRESS
X
FOX
ASICs
O
C
V
Frequency
Control
Circuit


Similar Part No. - FVXO-PC72

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-PC73 FOX-FVXO-PC73 Datasheet
334Kb / 15P
LVPECL 7 x 5mm 3.3V VCXO
FVXO-PC73B-1244.16 FOX-FVXO-PC73B-1244.16 Datasheet
334Kb / 15P
LVPECL 7 x 5mm 3.3V VCXO
FVXO-PC73BR-1244.16 FOX-FVXO-PC73BR-1244.16 Datasheet
334Kb / 15P
LVPECL 7 x 5mm 3.3V VCXO
More results

Similar Description - FVXO-PC72

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-PC52 FOX-FVXO-PC52 Datasheet
348Kb / 15P
LVPECL 5 x 3.2mm 2.5V VCXO
FVXO-LC73 FOX-FVXO-LC73 Datasheet
333Kb / 15P
LVDS 7 x 5mm 3.3V VCXO
FVXO-LC72 FOX-FVXO-LC72 Datasheet
337Kb / 15P
LVDS 7 x 5mm 2.5V VCXO
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
HCMOS 7 x 5mm 3.3V VCXO
FVXO-HC72 FOX-FVXO-HC72 Datasheet
347Kb / 15P
HCMOS 7 x 5mm 2.5V VCXO
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
LVPECL 7 x 5mm 3.3V VCXO
FXO-PC72 FOX-FXO-PC72 Datasheet
348Kb / 15P
LVPECL 7 x 5mm 2.5V Oscillator
logo
EUROQUARTZ limited
EQVP-PC52 EUROQUARTZ-EQVP-PC52 Datasheet
165Kb / 1P
LVPECL 5x3.2mm 2.5V VCXO
EQVP-PC72 EUROQUARTZ-EQVP-PC72 Datasheet
166Kb / 1P
LVPECL 7x5mm 2.5V VCXO
XOPL72 EUROQUARTZ-XOPL72 Datasheet
282Kb / 1P
7 x 5mm Programmable LVPECL Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com