Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8293G160ARJZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8293G160ARJZ-R2
Description  Low Cost, Zero-Drift In-Amp with Filter and Fixed Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8293G160ARJZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8293G160ARJZ-R2 Datasheet HTML 3Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 4Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 5Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 6Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 7Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 8Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 9Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 10Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8293G80/AD8293G160
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VCC = 5 V, and VREF = VCC/2; G = 80, C2 = 1300 pF, and C3 = 39 nF; G = 160, C2 = 680 pF, and C3 = 39 nF, unless otherwise specified.
60
40
20
0
–40
–20
10
100
1k
10k
100k
FREQUENCY (Hz)
VCC = 2.7V, 5V
FILTER = 500Hz
G = 160
G = 80
Figure 4. Gain vs. Frequency
FREQUENCY (Hz)
20
40
60
80
100
120
140
160
180
10
100
1k
10k
100k
VCC = 2.7V, 5V
GAIN = 80, 160
FILTER = 500Hz
Figure 5. Common-Mode Rejection (CMR) vs. Frequency
–1
0
1
2
3
4
–1
01
234
5
6
VCC = 5V, VREF = VCC/2
VCC = 2.7V,
VREF = VCC/2
(2.68V, 1V)
(0.02V, 1V)
OUTPUT VOLTAGE (V)
(0.02V, 3.3V)
(0.02V, 0V)
(4.98V, 0V)
(2.68V, 0V)
(4.98V, 3.3V)
Figure 6. Input Common-Mode Voltage Range vs. Output Voltage, G = 80
60
40
20
0
–20
10
100
1k
10k
100k
FREQUENCY (Hz)
VCC = 2.7V, 5V
FILTER = 10kHz
G = 160
G = 80
Figure 7. Gain vs. Frequency
FREQUENCY (Hz)
20
40
60
80
100
120
140
160
180
10
100
1k
10k
100k
VCC = 2.7V, 5V
GAIN = 80, 160
FILTER = 10kHz
Figure 8. Common-Mode Rejection (CMR) vs. Frequency
–1
0
1
2
3
4
–1
01
234
5
6
VCC = 5V, VREF = VCC/2
VCC = 2.7V,
VREF = VCC/2
(2.68V, 1V)
(0.02V, 1V)
OUTPUT VOLTAGE (V)
(0.02V, 3V)
(0.02V, 0V)
(4.98V, 0V)
(2.68V, 0V)
(4.98V, 3V)
Figure 9. Input Common-Mode Voltage Range vs. Output Voltage, G = 160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com