Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8293G160ARJZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8293G160ARJZ-R2
Description  Low Cost, Zero-Drift In-Amp with Filter and Fixed Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8293G160ARJZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8293G160ARJZ-R2 Datasheet HTML 4Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 5Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 6Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 7Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 8Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 9Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 10Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 11Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8293G80/AD8293G160
Rev. 0 | Page 8 of 16
–25
–20
–15
–10
–5
0
5
10
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TIME (ms)
GAIN = 80
GAIN = 160
POWER SUPPLY ON
VCC = 5V
VCC = 2.7V
4μV OFFSET
Figure 10. Input Offset Voltage vs. Turn-On Time, Filter = 500 Hz
1000
100
10
1
FREQUENCY (Hz)
0.01
0.1
1
10
100
1k
10k
100k
GAIN = 80
GAIN = 160
Figure 11. Voltage Noise Density
FREQUENCY (Hz)
20
40
60
80
100
120
140
160
10
100
1k
10k
100k
GAIN = 160
GAIN = 80
500Hz FILTER
10kHz FILTER
Figure 12. Power Supply Rejection (PSR) vs. Frequency
–15
–10
–5
0
5
10
–0.05
0
0.05
0.10
0.15
0.20
TIME (ms)
POWER SUPPLY ON
GAIN = 80
GAIN = 160
VCC = 5V
VCC = 2.7V
4μV OFFSET
Figure 13. Input Offset Voltage vs. Turn-On Time, Filter = 10 kHz
TIME (10s/DIV)
Figure 14. 0.01 Hz to 10 Hz Voltage Noise
1ms/DIV
VCC = 2.7V, 5V
G = 80, 160
–0.15
0.15
0.20
0.25
0.30
–0.10
0.10
–0.05
0.05
0
500Hz FILTER
10kHz FILTER
Figure 15. Small Signal Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com