Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8293G160ARJZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8293G160ARJZ-R2
Description  Low Cost, Zero-Drift In-Amp with Filter and Fixed Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8293G160ARJZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8293G160ARJZ-R2 Datasheet HTML 8Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 9Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 10Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 11Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 12Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 13Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 14Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 15Page - Analog Devices AD8293G160ARJZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8293G80/AD8293G160
Rev. 0 | Page 13 of 16
OUTLINE DIMENSIONS
13
5
6
2
8
4
7
2.90 BSC
1.60 BSC
1.95
BSC
0.65 BSC
0.38
0.22
0.15 MAX
1.30
1.15
0.90
SEATING
PLANE
1.45 MAX
0.22
0.08
0.60
0.45
0.30
8°
4°
0°
2.80 BSC
PIN 1
INDICATOR
COMPLIANT TO JEDEC STANDARDS MO-178-BA
Figure 22. 8-Lead Small Outline Transistor Package [SOT-23]
(RJ-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Gain
Temperature Range
Package Description
Package Option
Branding
AD8293G80ARJZ-R21
80
−40°C to +85°C
8-Lead SOT-23
RJ-8
Y1H
AD8293G80ARJZ-R71
80
−40°C to +85°C
8-Lead SOT-23
RJ-8
Y1H
AD8293G80ARJZ-RL1
80
−40°C to +85°C
8-Lead SOT-23
RJ-8
Y1H
AD8293G80BRJZ-R21
80
−40°C to +85°C
8-Lead SOT-23
RJ-8
Y1N
AD8293G80BRJZ-R71
80
−40°C to +85°C
8-Lead SOT-23
RJ-8
Y1N
AD8293G80BRJZ-RL1
80
−40°C to +85°C
8-Lead SOT-23
RJ-8
Y1N
AD8293G160ARJZ-R21
160
−40°C to +85°C
8-Lead SOT-23
RJ-8
Y11
AD8293G160ARJZ-R71
160
−40°C to +85°C
8-Lead SOT-23
RJ-8
Y11
AD8293G160ARJZ-RL1
160
−40°C to +85°C
8-Lead SOT-23
RJ-8
Y11
AD8293G160BRJZ-R21
160
−40°C to +85°C
8-Lead SOT-23
RJ-8
Y1K
AD8293G160BRJZ-R71
160
−40°C to +85°C
8-Lead SOT-23
RJ-8
Y1K
AD8293G160BRJZ-RL1
160
−40°C to +85°C
8-Lead SOT-23
RJ-8
Y1K
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com