Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V54C365804VC Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V54C365804VC
Description  HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 8M X 8 SYNCHRONOUS DRAM 4 BANKS X 2Mbit X 8
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C365804VC Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V54C365804VC Datasheet HTML 1Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 2Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 3Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 4Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 5Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 6Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 7Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 8Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
MOSEL VITELIC
1
V54C365804VC
HIGH PERFORMANCE 143/133/125 MHz
3.3 VOLT 8M X 8 SYNCHRONOUS DRAM
4 BANKS X 2Mbit X 8
V54C365804VC Rev. 0.6 September 1999
PRELIMINARY
7
75
8PC
8
System Frequency (fCK)
143MHz
133MHz
125 MHz
125 MHz
Clock Cycle Time (tCK3)
7 ns
7.5 ns
8 ns
8 ns
Clock Access Time (tAC3) CAS Latency = 3
5.4 ns
5.4 ns
6 ns
7 ns
Clock Access Time (tAC2) CAS Latency = 2
5.5 ns
6 ns
6 ns
7 ns
Features
s 4 banks x 2Mbit x 8 organization
s High speed data transfer rates up to 143 MHz
s Full Synchronous Dynamic RAM, with all signals
referenced to clock rising edge
s Single Pulsed RAS Interface
s Data Mask for Read/Write Control
s Four Banks controlled by BA0 & BA1
s Programmable CAS Latency: 2, 3
s Programmable Wrap Sequence: Sequential
or Interleave
s Programmable Burst Length:
1, 2, 4, 8 and full page for Sequential Type
1, 2, 4, 8 for Interleave Type
s Multiple Burst Read with Single Write Operation
s Automatic and Controlled Precharge Command
s Random Column Address every CLK (1-N Rule)
s Suspend Mode and Power Down Mode
s Auto Refresh and Self Refresh
s Refresh Interval: 4096 cycles/64 ms
s Available in 54 Pin 400 mil TSOP-II
s LVTTL Interface
s Single +3.3 V
±0.3 V Power Supply
Description
The V54C365804VC is a four bank Synchronous
DRAM organized as 4 banks x 2Mbit x 8. The
V54C365804VC achieves high speed data transfer
rates up to 143 MHz by employing a chip architec-
ture that prefetches multiple bits and then synchro-
nizes the output data to a system clock
All of the control, address, data input and output
circuits are synchronized with the positive edge of
an externally supplied clock.
Operating the four memory banks in an inter-
leaved fashion allows random access operation to
occur at higher rate than is possible with standard
DRAMs. A sequential and gapless data rate of up to
143 MHz is possible depending on burst length,
CAS latency and speed grade of the device.
Device Usage Chart
Operating
Temperature
Range
Package Outline
Access Time (ns)
Power
Temperature
Mark
T
7
75
8PC
8
Std.
L
0
°C to 70°C
•
•
•
•
•
•
•
Blank


Similar Part No. - V54C365804VC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C365804VD MOSEL-V54C365804VD Datasheet
798Kb / 54P
HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 8M X 8 SYNCHRONOUS DRAM 4 BANKS X 2Mbit X 8
More results

Similar Description - V54C365804VC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C365164VC MOSEL-V54C365164VC Datasheet
1Mb / 54P
HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365164VD MOSEL-V54C365164VD Datasheet
946Kb / 56P
HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365404VD MOSEL-V54C365404VD Datasheet
799Kb / 54P
HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 16M X 4 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 4
V54C365804VD MOSEL-V54C365804VD Datasheet
798Kb / 54P
HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 8M X 8 SYNCHRONOUS DRAM 4 BANKS X 2Mbit X 8
V58C265804S MOSEL-V58C265804S Datasheet
457Kb / 44P
HIGH PERFORMANCE 2.5 VOLT 8M X 8 DDR SDRAM 4 BANKS X 2Mbit X 8
logo
A-Data Technology
ADS8608A8A A-DATA-ADS8608A8A Datasheet
533Kb / 8P
Synchronous DRAM(8M X 8 Bit X 4 Banks)
Rev 1.0 December, 2001
VDS8608A8A A-DATA-VDS8608A8A Datasheet
545Kb / 8P
Synchronous DRAM(8M X 8 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Mosel Vitelic, Corp
V54C3128804VAT MOSEL-V54C3128804VAT Datasheet
362Kb / 43P
HIGH PERFORMANCE 143/133/125MHz 3.3 VOLT 16M X 8 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 8
logo
Hynix Semiconductor
HY57V121620 HYNIX-HY57V121620 Datasheet
160Kb / 12P
4 Banks x 8M x 16Bit Synchronous DRAM
HY57V56820B HYNIX-HY57V56820B Datasheet
151Kb / 12P
4 Banks x 8M x 8Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com