| Electronic Components Datasheet Search |
|
V54C365804VC Datasheet(PDF) 9 Page - Mosel Vitelic, Corp |
|
|
|||||||||||||||||||||||||||||
V54C365804VC Datasheet(HTML) 9 Page - Mosel Vitelic, Corp |
|
9 / 54 page ![]() MOSEL VITELIC V54C365804VC 9 V54C365804VC Rev. 0.6 September 1999 operation. If CA10 is high when a Read Command is issued, the Read with Auto-Precharge function is initiated. The SDRAM automatically enters the precharge operation one clock before the last data out for CAS latencies 2, two clocks for CAS laten- cies 3 and three clocks for CAS latencies 4. If CAS10 is high when a Write Command is issued, the Write with Auto-Precharge function is initiat- ed. The SDRAM automatically enters the precharge operation a time delay equal to tWR (Write recovery time) after the last data in. Precharge Command There is also a separate precharge command available. When RAS and WE are low and CAS is high at a clock timing, it triggers the precharge op- eration. Three address bits, BA0, BA1 and A10 are used to define banks as shown in the following list. The precharge command can be imposed one clock before the last data out for CAS latency = 2, two clocks before the last data out for CAS latency = 3 and three clocks before the last data out for CAS la- tency= 4. Writes require a time delay twr from the last data out to apply the precharge command. Bank Selection by Address Bits: Burst Termination Once a burst read or write operation has been ini- tiated, there are several methods in which to termi- nate the burst operation prematurely. These methods include using another Read or Write Com- mand to interrupt an existing burst operation, use a Precharge Command to interrupt a burst cycle and close the active bank, or using the Burst Stop Com- mand to terminate the existing burst operation but leave the bank open for future Read or Write Com- mands to the same page of the active bank. When interrupting a burst with another Read or Write Command care must be taken to avoid I/O conten- tion. The Burst Stop Command, however, has the fewest restrictions making it the easiest method to use when terminating a burst operation before it has been completed. If a Burst Stop command is issued during a burst write operation, then any residual data from the burst write cycle will be ignored. Data that is presented on the I/O pins before the Burst Stop Command is registered will be written to the memory. A10 BA0 BA1 0 0 0 Bank 0 0 0 1 Bank 1 0 1 0 Bank 2 0 1 1 Bank 3 1 X X all Banks |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |