Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V54C365804VC Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V54C365804VC
Description  HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 8M X 8 SYNCHRONOUS DRAM 4 BANKS X 2Mbit X 8
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C365804VC Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V54C365804VC Datasheet HTML 1Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 2Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 3Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 4Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 5Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 6Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 7Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 8Page - Mosel Vitelic, Corp V54C365804VC Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
MOSEL VITELIC
V54C365804VC
3
V54C365804VC Rev. 0.6 September 1999
Capacitance*
TA = 0 to 70°C, VCC = 3.3 V ± 0.3 V, f = 1 Mhz
*Note:Capacitance is sampled and not 100% tested.
Symbol
Parameter
Max. Unit
CI1
Input Capacitance (A0 to A11)
5
pF
CI2
Input Capacitance
RAS, CAS, WE, CS, CLK, CKE, DQM
5pF
CIO
Output Capacitance (I/O)
6.5
pF
CCLK
Input Capacitance (CLK)
4
pF
Block Diagram
Row decoder
Memory array
Bank 0
4096 x 512
x 8 bit
Row decoder
Memory array
Bank 1
4096 x 512
x 8 bit
Row decoder
Memory array
Bank 2
4096 x 512
x 8 bit
Row decoder
Memory array
Bank 3
4096 x 512
x 8 bit
Input buffer
Output buffer
I/O1-I/O8
Column address
counter
Column address
buffer
Row address
buffer
Refresh Counter
A0 - A11, BA0, BA1
A0 - A8, AP, BA0, BA1
Control logic & timing generator
Row Addresses
Column Addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com