Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89S2051-24SC Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT89S2051-24SC
Description  8-bit Microcontroller with 2K/4K Bytes Flash
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S2051-24SC Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT89S2051-24SC Datasheet HTML 35Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 36Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 37Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 38Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 39Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 40Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 41Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 42Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
39
3390C–MICRO–7/05
AT89S2051/S4051
48. I
CC Test Condition, Active Mode, All Other Pins are Disconnected
49. I
CC Test Condition, Idle Mode, All Other Pins are Disconnected
50. Clock Signal Waveform for I
CC Tests in Active and Idle Modes,
t
CLCH = tCHCL = 5 ns
51. I
CC Test Condition, Power-down Mode, All Other Pins are Disconnected,
V
CC = 2V to 5.5V
XTAL2
RST
VCC
VCC
ICC
XTAL1
VSS
(NC)
CLOCK SIGNAL
VCC
P1, P3
XTAL2
RST
VCC
VCC
ICC
XTAL1
VSS
(NC)
CLOCK SIGNAL
VCC
P1, P3
V
CC
- 0.5V
0.45V
0.2 V
CC
- 0.1V
0.7 V
CC
t
CHCX
t
CHCX
t
CLCH
t
CHCL
t
CLCL
XTAL2
RST
VCC
VCC
ICC
XTAL1
VSS
(NC)
VCC
P1, P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com