Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7569 Datasheet(PDF) 38 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 34Page - Analog Devices ADE7569 Datasheet HTML 35Page - Analog Devices ADE7569 Datasheet HTML 36Page - Analog Devices ADE7569 Datasheet HTML 37Page - Analog Devices ADE7569 Datasheet HTML 38Page - Analog Devices ADE7569 Datasheet HTML 39Page - Analog Devices ADE7569 Datasheet HTML 40Page - Analog Devices ADE7569 Datasheet HTML 41Page - Analog Devices ADE7569 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 38 of 148
Address
MADDPT[6:0]
Name
R/W
Length
Signed
/Unsigned
Default
Value
Description
0x25
VARDIV
R/W
8
U
0
Set VAR energy scaling register
0x26
VADIV
R/W
8
U
0
Set VA energy scaling register
0x27
CF1NUM
R/W
16
U
0
Set CF1 numerator register
0x28
CF1DEN
R/W
16
U
0x003F
Set CF1 denominator register
0x29
CF2NUM
R/W
16
U
0
Set CF2 numerator register
0x2A
CF2DEN
R/W
16
U
0x003F
Set CF2 denominator register
0x3D
CALMODE
R/W
8
U
0
Set Calibration Mode
ENERGY MEASUREMENT INTERNAL REGISTERS DETAILS
Table 29. MODE1 register (0x0B)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
SWRST
0
Setting this bit will reset all of the energy measurement registers to their
default values
6
DISZXLPF
0
Setting this bit disables the zero-crossing lowpass filter
5
INTE1
0
Setting this bit enables the digital integrator for use with a di/dt sensor
4
SWAPBITS
0
Setting this bit swaps CH1 & CH2 ADCs
3
PWRDN
0
Setting this bit powers down voltage and current ADC’s
2
DISCF2
1
Setting this bit disables Frequency output CF2
1
DISCF1
1
Setting this bit disables Frequency output CF1
0
DISHPF
0
Setting this bit disables the HPFs in voltage and current channels
Table 30. MODE2 register (0x0C)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-6
CF2SEL[1:0]
01
Configuration bits for CF2 output
CF2SEL[1:0]
Source
00
CF2 frequency is proportional to active power
01
CF2 frequency is proportional to reactive power5
1x
CF2 frequency is proportional to apparent power or
IRMS
5-4
CF1SEL[1:0]
00
Configuration bits for CF1 output
CF1SEL[1:0]
Source
00
CF1 frequency is proportional to active power
01
CF1 frequency is proportional to reactive power1
1x
CF1 frequency is proportional to apparent power or
IRMS
3
VARMSCFCON
0
Configuration bits for apparent power or IRMS for CF1 and CF2 outputs
0
If CF1SEL[1:0]=1x, CF1 is proportional to VA
If CF2SEL[1:0]=1x, CF2 is proportional to VA
1
If CF1SEL[1:0]=1x, CF1 is proportional to IRMS
If CF2SEL[1:0]=1x, CF2 is proportional to IRMS
Note that CF1 cannot be proportional to VA if CF2 is proportional to IRMS
and vice versa
2
ZXRMS
0
Logic one enables update of RMS values synchronously to voltage ZX
1
FREQSEL
0
Configuration bits to select PERIOD or FREQUENCY measurement for
PER_FREQ register (0Ah)
0
PER_FREQ register holds a period measurement
5 This function is not available in ADE7566 and ADE7166 products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com