Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7569 Datasheet(PDF) 53 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 49Page - Analog Devices ADE7569 Datasheet HTML 50Page - Analog Devices ADE7569 Datasheet HTML 51Page - Analog Devices ADE7569 Datasheet HTML 52Page - Analog Devices ADE7569 Datasheet HTML 53Page - Analog Devices ADE7569 Datasheet HTML 54Page - Analog Devices ADE7569 Datasheet HTML 55Page - Analog Devices ADE7569 Datasheet HTML 56Page - Analog Devices ADE7569 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 53 of 148
LSB of the current channel rms offset represents 0.23% of
measurement error at –60 dB down of full scale.
IRMS =
32768
2
0
×
+ IRMSOS
IRMS
(4)
where IRMS0 is the rms measurement without offset correction.
Voltage channel RMS Calculation
Figure 36 shows the details of the signal processing chain for
the rms calculation on Voltage channel. The Voltage channel
rms value is processed from the samples used in the Voltage
channel waveform sampling mode. Voltage channel rms value is
stored in the unsigned 24-bit VRMS register.
The update rate of the Voltage channel rms measurement is
MCLK/5. To minimize noise in the reading of the register, the
Vrms register can also be configured to be updated only with
the zero crossing of the voltage input. This configuration is
done by setting ZXRMS bit in the MODE2 register (0x0C).
With the specified full-scale ac analog input signal of 0.5 V, the
output from the LPF1 swings between 0x28F5 and 0xD70B at
60 Hz—see the Voltage Channel ADC section. The equivalent
rms value of this full-scale ac signal is approximately
0d1,898,124 (0x1CF68C) in the VRMS register. The voltage rms
measurement provided in the ADE75XX/ADE71XX is accurate
to within ±0.5% for signal input between full scale and full
scale/20. The conversion from the register value to volts must be
done externally in the microprocessor using a volts/LSB
constant.
Voltage channel RMS Offset Compensation
The ADE75XX/ADE71XX incorporates a voltage channel rms
offset compensation register (VRMSOS). This is a 12-bit signed
register that can be used to remove offset in the voltage channel
rms calculation. An offset could exist in the rms calculation due
to input noises and dc offset in the input samples. The offset
calibration allows the contents of the VRMS register to be
maintained at 0 when no voltage is applied. One LSB of the
voltage channel rms offset is equivalent to 64 LSB of the rms
register. Assuming that the maximum value from the voltage
channel rms calculation is 0d1,898,124 with full-scale ac inputs,
then one LSB of the voltage channel rms offset represents 3.37%
of measurement
error at –60 dB down of full scale.
VRMS = VRMS0 + 64 x VRMSOS
(6)
where VRMS0 is the rms measurement without offset correction.
VRMS[23:0]
LPF3
LPF1
VOLTAGE CHANNEL
0x28F5C2
0x00
+
+
VRMOS[11:0]
VOLTAGE SIGNAL (V(t))
216
sgn
215
28 27 26
0x28F5
0x0
0xD70B
Figure 36. Voltage channel RMS Signal Processing
ACTIVE POWER CALCULATION
Active power is defined as the rate of energy flow from source
to load. It is defined as the product of the voltage and current
waveforms. The resulting waveform is called the instantaneous
power signal and is equal to the rate of energy flow at every
instant of time. The unit of power is the watt or joules/sec.
Equation 9 gives an expression for the instantaneous power
signal in an ac system.
v(t) =
)
sin(
2
t
V
ω
×
(7)
i(t) =
)
sin(
2
t
I
ω
×
(8)
where:
V is the rms voltage.
I is the rms current.
)
(
)
(
)
(
t
i
t
v
t
p
×
=
)
2
cos(
)
(
t
VI
VI
t
p
ω
=
(9)
The average power over an integral number of line cycles (n) is
given by the expression in Equation 10.
P =
=
nT
VI
dt
t
p
nT
0
)
(
1
(10)
where:
T is the line cycle period.
P is referred to as the active or real power.
Note that the active power is equal to the dc component of the
instantaneous power signal p(t) in Equation 9, i.e., VI. This is
the relationship used to calculate active power in the
ADE75XX/ADE71XX. The instantaneous power signal p(t) is
generated by multiplying the current and voltage signals. The dc
component of the instantaneous power signal is then extracted
by LPF2 (low-pass filter) to obtain the active power
information. This process is illustrated in Figure 37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com