Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7569 Datasheet(PDF) 52 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 48Page - Analog Devices ADE7569 Datasheet HTML 49Page - Analog Devices ADE7569 Datasheet HTML 50Page - Analog Devices ADE7569 Datasheet HTML 51Page - Analog Devices ADE7569 Datasheet HTML 52Page - Analog Devices ADE7569 Datasheet HTML 53Page - Analog Devices ADE7569 Datasheet HTML 54Page - Analog Devices ADE7569 Datasheet HTML 55Page - Analog Devices ADE7569 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 52 of 148
Figure 34. ADE75XX/ADE71XX RMS Signal Processing
The rms signals can be read from the waveform register by
setting the WAVMODE register (0x0D) and setting the WFSM
bit in the Interrupt Enable Register 3 SFR (MIRQENH, 0xDB).
Like the current and voltage channels waveform sampling
modes, the waveform date is available at sample rates of 27.9
kSPS, 14 kSPS, 7 kSPS, or 3.5 kSPS.
Important:
When the current input is larger than 40% of Full
scale, the Irms waveform sample register does not represent the
true rms value processed. The rms value processed with this
level of input is larger than the 24 bit read by the waveform
register making the value read truncated on the high end.
Current Channel RMS Calculation
The ADE75XX/ADE71XX simultaneously calculates the rms
values for the Current and Voltage channel in different registers.
The current channel rms calculation is done on the channel
selected by SEL_I_CH bits in the CALMODE register (0x3D).
Figure 35 shows the detail of the signal processing chain for the
rms calculation on the current channel. The current channel
rms value is processed from the samples used in the current
channel waveform sampling mode. The current channel rms
value is stored in an unsigned 24-bit register (IRMS). One LSB
of the current channel rms register is equivalent to one LSB of a
current channel waveform sample.
The update rate of the current channel rms measurement is
MCLK/5. To minimize noise in the reading of the register, the
Irms register can also be configured to be updated only with the
zero crossing of the voltage input. This configuration is done by
setting ZXRMS bit in the MODE2 register (0x0C).
With the specified full-scale analog input signal of 0.5 V, the
ADC produces an output code that is approximately
±0d2,684,354—see the Current Channel ADC section. The
equivalent rms value of a full-scale ac signal is 0d1,898,124
(0x1CF68C). The current rms measurement provided in the
ADE75XX/ADE71XX is accurate to within 0.5% for signal
input between full scale and full scale/1000. The conversion
from the register value to amps must be done externally in the
microprocessor using an amps/LSB constant.
IRMS(t)
LPF3
HPF1
0x00
+
IRMSOS[11:0]
IRMS[23:0]
226
225
sgn
227
217 216
218
24
24
DIGITAL
INTEGRATOR*
dt
HPF
MODE1[5]
HPF
CURRENT CHANNEL
WAVEFORM
DATA RANGE WITH
INTEGRATOR OFF
0xD70A3E
0x000000
0x28F5C2
60Hz
CURRENT CHANNEL
WAVEFORM
DATA RANGE WITH
INTEGRATOR ON (60Hz)
0xD487B0
0x000000
0x2B7850
IA
IB
Figure 35. Current channel RMS Signal Processing
Current channel RMS Offset Compensation
The ADE75XX/ADE71XX incorporates a current channel rms
offset compensation register (IRMSOS). This is a 12-bit signed
register that can be used to remove offset in the current channel
rms calculation. An offset could exist in the rms calculation due
to input noises that are integrated in the dc component of V2(t).
The offset calibration allows the content of the IRMS register to
be maintained at 0 when no input is present on current channel.
One LSB of the current channel rms offset is equivalent to
16,384 LSB of the square of the current channel rms register.
Assuming that the maximum value from the current channel
rms calculation is 0d1,898,124 with full-scale ac inputs, then 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com