Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7569 Datasheet(PDF) 132 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 132 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 128Page - Analog Devices ADE7569 Datasheet HTML 129Page - Analog Devices ADE7569 Datasheet HTML 130Page - Analog Devices ADE7569 Datasheet HTML 131Page - Analog Devices ADE7569 Datasheet HTML 132Page - Analog Devices ADE7569 Datasheet HTML 133Page - Analog Devices ADE7569 Datasheet HTML 134Page - Analog Devices ADE7569 Datasheet HTML 135Page - Analog Devices ADE7569 Datasheet HTML 136Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 132 of 148
0
The MSB of the SPI outputs is transmitted first
1
The LSB of the SPI outputs is transmitted first
0
Reserved
1
This bit must be kept as 1.
Table 132. SPI Interrupt Status Register SFR (SPISTAT, 0xEA)
Bit
Location
Interrupt Flag
Default
Value
Description
SPI Peripheral Busy Flag
0
The SPI peripheral is idle
7
BUSY
0
1
The SPI peripheral is busy transferring data in slave or master mode.
SPI Multi-Master Error Flag
0
A multiple master error has not occurred.
6
MMERR
0
1
If the SS_EN bit is set, enabling the Slave Select input and the SS is asserted
while the SPI peripheral is transferring data as a master, then this flag is raised
to indicate the error. Write a zero to this bit to clear it..
SPI Receive Overflow Error Flag.
Reading the SPI2CRx SFR will clear this bit.
SPIRxOF
0
The SPI2CRX register contains valid data
5
SPIRxOF
0
1
This bit is set if the SPI2CRX register is not read before the end of the
next byte transfer. If the RxOF_EN bit is set and this condition occurs,
SPI2CRX will be overwritten.
4
Reserved
Reserved
3
SPIRxBF
0
Status bit for SPI Rx buffer. When set the Rx FIFO is full. Reading the SPI2CRx SFR will
clear this bit.
2
SPITxUF
0
Status bit for SPI Tx buffer. When set the Tx FIFO is underflowing and data can be write
into SPI2CTx. Write a zero to this bit to clear it.
SPI Transmit Interrupt Flag.
SPITxIRQ
0
The SPI2CTX register is full.
1
SPITxIRQ
0
1
This bit is set when the SPI2CTX register is empty. If the SPI/I2C
interrupt is enabled, an interrupt will be generated when this bit is set.
If new data isn’t written into the SPI2CTX SFR before the end of the
current byte transfer, the transfer will stop and the SS will be
deasserted. Write a zero to this bit to clear it..
0
SPITxBF
0
Status bit for SPI Tx buffer. When set, the SPI Tx buffer is full. Write a zero to this bit to
clear it..
SPI PINS
MISO (Master In, Slave Out Data I/O Pin)
The MISO pin is configured as an input line in master mode
and as an output line in slave mode. The MISO line on the
master (data in) should be connected to the MISO line in the
slave device (data out).The data is transferred as byte-wide (8-
bit) serial data, MSB first.
MOSI (Master Out, Slave In Pin)
The MOSI pin is configured as an output line in master mode
and as an input line in slave mode. The MOSI line on the master
(data out) should be connected to the MOSI line in the slave
device (data in).The data is transferred as byte-wide (8-bit)
serial data, MSB first.
SCLK (Serial Clock I/O Pin)
The master serial clock (SCLK) is used to synchronize the data
being transmitted and received through the MOSI and MISO
data lines. The SCLK pin is configured as an output in master
mode and as an input in slave mode.
In master mode, the bit rate, polarity, and phase of the clock are
controlled by the SPI Configuration Register SFR (SPIMOD1,
0xE8)
and SPI Configuration Register SFR (SPIMOD2, 0xE9).
In slave mode, the SPI Configuration Register SFR (SPIMOD2,
0xE9)
must be configured with the phase and polarity of the
expected input clock.
In both master and slave modes, the data is transmitted on one
edge of the SCLK signal and sampled on the other. It is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com