Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7569 Datasheet(PDF) 139 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 139 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 135Page - Analog Devices ADE7569 Datasheet HTML 136Page - Analog Devices ADE7569 Datasheet HTML 137Page - Analog Devices ADE7569 Datasheet HTML 138Page - Analog Devices ADE7569 Datasheet HTML 139Page - Analog Devices ADE7569 Datasheet HTML 140Page - Analog Devices ADE7569 Datasheet HTML 141Page - Analog Devices ADE7569 Datasheet HTML 142Page - Analog Devices ADE7569 Datasheet HTML 143Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 139 of 148
DUAL DATA POINTERS
The ADE75XX/ADE71XX incorporates two data pointers. The
second data pointer is a shadow data pointer and is selected via
the data pointer control SFR (DPCON). DPCON features
automatic hardware post-increment and post-decrement as well
as an automatic data pointer toggle.
Table 138. Data Pointer Control SFR SFR (DPCON, 0xA7)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
----
0
Not Implemented. Write Don’t Care.
6
DPT
0
Data Pointer Automatic Toggle Enable.
Cleared by the user to disable auto swapping of the DPTR.
Set in user software to enable automatic toggling of the DPTR after each MOVX or MOVC
instruction.
DP1m1,
DP1m0
0
Shadow Data Pointer Mode. These bits enable extra modes of the shadow data pointer
operation, allowing more compact and more efficient code size and execution.
DP1m1
DP1m0
Behavior of the Shadow Data Pointer
0
0
8052 behavior.
0
1
DPTR is post-incremented after a MOVX or a MOVC instruction.
1
0
DPTR is post-decremented after a MOVX or MOVC instruction.
5, 4
1
1
DPTR LSB is toggled after a MOVX or MOVC instruction. (This
instruction can be useful for moving 8-bit blocks to/from 16-bit
devices.)
DP0m1,
DP0m0
0
Main Data Pointer Mode. These bits enable extra modes of the main data pointer operation,
allowing more compact and more efficient code size and execution.
DP0m1
DP0m0
Behavior of the Main Data Pointer
0
0
8052 behavior.
0
1
DPTR is post-incremented after a MOVX or a MOVC instruction.
1
0
DPTR is post-decremented after a MOVX or MOVC instruction.
3, 2
1
1
DPTR LSB is toggled after a MOVX or MOVC instruction. (This
instruction is useful for moving 8-bit blocks to/from 16-bit devices.)
1
----
0
Not Implemented. Write Don’t Care.
0
DPSEL
0
Data Pointer Select.
Cleared by the user to select the main data pointer. This means that the contents of this 16-
bit register are placed into the DPL, and DPH SFRs.
Set by the user to select the shadow data pointer. This means that the contents of a separate
16-bit register appear in the DPL, and DPH SFRs.
Note the following:
The Dual Data Pointer section is the only place in which
main and shadow data pointers are distinguished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com