Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1111F16RSP Datasheet(PDF) 61 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC1111F16RSP
Description  Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC1111F16RSP Datasheet(HTML) 61 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC1111F16RSP Datasheet HTML 57Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1111F16RSP Datasheet HTML 58Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1111F16RSP Datasheet HTML 59Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1111F16RSP Datasheet HTML 60Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1111F16RSP Datasheet HTML 61Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1111F16RSP Datasheet HTML 62Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1111F16RSP Datasheet HTML 63Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1111F16RSP Datasheet HTML 64Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1111F16RSP Datasheet HTML 65Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 240 page
background image
CC1110Fx / CC1111Fx
SWRS033E
Page 61 of 239
Instruction
CY
OV
AC
ADD
x
x
x
ADDC
x
x
x
SUBB
x
x
x
MUL
0
x
-
DIV
0
x
-
DA
x
-
-
RRC
x
-
-
RLC
x
-
-
SETB C
1
-
-
CLR C
x
-
-
CPL C
x
-
-
ANL C,bit
x
-
-
ANL C,/bit
x
-
-
ORL C,bit
x
-
-
ORL C,/bit
x
-
-
MOV C,bit
x
-
-
CJNE
x
-
-
“0” = Clear to 0, “1” = Set to 1, “x” = Set to 1/Clear to 0, “-“ = Not affected
Table 38: Instructions that Affect Flag Settings
11.5 Interrupts
The CPU has 18 interrupt sources. Each
source has its own request flag located in a
set of Interrupt Flag SFRs. Each interrupt can
be individually enabled or disabled. The
definitions of the interrupt sources and the
interrupt vectors are given in Table 39.
I
2S and USART1 share interrupts. On the
CC1111Fx USB shares interrupt with Port 2
inputs. The interrupt aliases for I
2S and USB
are listed in Table 40. However, in the
following sections the original interrupt names,
masks, and flags listed in Table 39 are the
ones used.
The interrupts are grouped into a set of priority
level groups with selectable priority levels.
The interrupt enable registers are described in
section 11.5.1 and the interrupt priority
settings are described in section 11.5.3 on
page 69.
11.5.1 Interrupt Masking
Each interrupt can be individually enabled or
disabled by the interrupt enable bits in the
Interrupt Enable SFRs IEN0, IEN1, and IEN2.
The Interrupt Enable SFRs are described
below and summarized in Table 39.
Note that some peripherals have several
events that can generate the interrupt request
associated with that peripheral. This applies to
P0, P1, P2, DMA, Timer 1, Timer 2, Timer 3,
Timer 4, and Radio. These peripherals have
interrupt mask bits for each internal interrupt
source in the corresponding SFRs. Note that
I
2S has its own interrupt enable bits even if it
has only one event per interrupt. For the
pherihperals that have their own mask bits,
one or more of these bits must be set for the
associated CPU interrupt flag to be asserted.
In order to use any of the interrupts in the
CC1110Fx/CC1111Fx the following steps must be
taken:
1. Clear interrupt flags (see section 11.5.2)
2. Set individual interrupt enable bit in the
peripherals SFR, if any
3. Set
the
corresponding
individual,
interrupt enable bit in the IEN0, IEN1,
or IEN2 registers to 1
4. Enable global interrupt by setting the
IEN0.EA = 1
5. Begin the interrupt service routine at the
corresponding vector address of that
interrupt. See Table 39 for addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com