Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1111F16RSP Datasheet(PDF) 65 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC1111F16RSP
Description  Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC1111F16RSP Datasheet(HTML) 65 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC1111F16RSP Datasheet HTML 61Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1111F16RSP Datasheet HTML 62Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1111F16RSP Datasheet HTML 63Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1111F16RSP Datasheet HTML 64Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1111F16RSP Datasheet HTML 65Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1111F16RSP Datasheet HTML 66Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1111F16RSP Datasheet HTML 67Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1111F16RSP Datasheet HTML 68Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1111F16RSP Datasheet HTML 69Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 240 page
background image
CC1110Fx / CC1111Fx
SWRS033E
Page 65 of 239
IEN2 (0x9A) – Interrupt Enable 2 Register
Bit
Name
Reset
R/W
Description
7:6
0
R/W
Not used
Watchdog timer interrupt enable
0
Interrupt disabled
5
WDTIE
0
R/W
1
Interrupt enabled
Port 1 interrupt enable
0
Interrupt disabled
4
P1IE
0
R/W
1
Interrupt enabled
USART1 TX interrupt enable / I
2S TX interrupt enable
0
Interrupt disabled
3
UTX1IE /
I2STXIE
0
R/W
1
Interrupt enabled
USART0 TX interrupt enable
0
Interrupt disabled
2
UTX0IE
0
R/W
1
Interrupt enabled
Port 2 interrupt enable (Also used for USB interrupt enable on
CC1111Fx)
0
Interrupt disabled
1
P2IE /
USBIE
0
R/W
1
Interrupt enabled
RF general interrupt enable
0
Interrupt disabled
0
RFIE
0
R/W
1
Interrupt enabled
11.5.2 Interrupt Processing
When an interrupt occurs, the CPU will vector
to the interrupt vector address shown in Table
39, if this particular interrupt has been
enabled. Once an interrupt service has begun,
it can be interrupted only by a higher priority
interrupt. The interrupt service is terminated by
a RETI (return from interrupt) instruction.
When a RETI is performed, the CPU will return
to the instruction that would have been next
when the interrupt occurred.
When the interrupt condition occurs, an
interrupt flag bit will be set in one of the CPU
interrupt flag registers and in the peripherals
interrupt flag register, if this is available. These
bits are asserted regardless of whether the
interrupt is enabled or disabled. If the interrupt
is enabled when an interrupt flag is asserted,
then on the next instruction cycle the interrupt
will be acknowledged by hardware forcing an
LCALL to the appropriate vector address.
Interrupt response will require a varying
amount of time depending on the state of the
CPU when the interrupt occurs. If the CPU is
performing an interrupt service with equal or
greater priority, the new interrupt will be
pending until it becomes the interrupt with
highest priority. In other cases, the response
time depends on the current instruction. The
fastest possible response to an interrupt is
seven instruction cycles. This includes one
machine cycle for detecting the interrupt and
six cycles to perform the LCALL.
Clearing interrupt flags must be done correctly
to ensure that no interrupts are lost or
processed more than once. For pulsed or
edge shaped interrupt sources one should
clear the CPU interrupt flag prior to clearing
the module interrupt flag, if available, for flags
that are not automatically cleared. For level
triggered interrupts (port interrupts) one has to
clear the module interrupt flag prior to clearing
the CPU interrupt flag. When handling
interrupts where the CPU interrupt flag is
cleared by hardware, the software should only
clear the module interrupt flag. The following
interrups are cleared by hardware:
• RFTXRX
•
T1
• ADC
•
T2
• URX0
•
T3
• URX1/I2SRX
•
T4
One or more module flags can be cleared at
once. However the safest approach is to only
handle one interrupt source each time the
interrupt is triggered, hence clearing only one



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com