| Electronic Components Datasheet Search |
|
XC2000 Datasheet(PDF) 43 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC2000 Datasheet(HTML) 43 Page - Infineon Technologies AG |
|
43 / 647 page ![]() XC2000 Derivatives System Units (Vol. 1 of 2) Architectural Overview Preliminary User’s Manual 2-15 V1.0, 2007-06 ArchitectureX2K, V1.0 2.3 On-Chip Peripheral Blocks The XC2000 Family clearly separates peripherals from the core. This structure permits the maximum number of operations to be performed in parallel and allows peripherals to be added or deleted from family members without modifications to the core. Each functional block processes data independently and communicates information over common buses. Peripherals are controlled by data written to the respective Special Function Registers (SFRs). These SFRs are located within either the standard SFR area (00’FE00H … 00’FFFFH), the extended ESFR area (00’F000H … 00’F1FFH), or within the internal IO area (00’E000H … 00’EFFFH). These built-in peripherals either allow the CPU to interface with the external world or provide functions on-chip that otherwise would need to be added externally in the respective system. The XC2000 generic peripherals are: • Two General Purpose Timer Blocks (GPT1 and GPT2) • A Watchdog Timer • A Capture/Compare unit (CAPCOM2) • Up to Four Enhanced Capture/Compare units (CCU60, CCU61, CCU62, CCU63) • Two 10-bit Analog/Digital Converters (ADC0, ADC1) • A Real Time Clock (RTC) • Thirteen I/O ports with a total of 118(75) I/O lines Because the LXBus is the internal representation of the external bus, it does not support bit-addressing. Accesses are executed by the EBC as if it were external accesses. The LXBus connects on-chip peripherals to the CPU: • MultiCAN module with up to 5 CAN nodes and gateway functionality • Three Serial Interface Modules providing six serial channels Each peripheral also contains a set of Special Function Registers (SFRs) which control the functionality of the peripheral and temporarily store intermediate data results. Each peripheral has an associated set of status flags. Individually selected clock signals are generated for each peripheral from binary multiples of the master clock. Note: For an overview of the available peripherals for the different derivatives, please refer to Table 1-1 "XC2000 Derivative Synopsis" on Page 1-2. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |