Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2000 Datasheet(PDF) 59 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 59 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 55Page - Infineon Technologies AG XC2000 Datasheet HTML 56Page - Infineon Technologies AG XC2000 Datasheet HTML 57Page - Infineon Technologies AG XC2000 Datasheet HTML 58Page - Infineon Technologies AG XC2000 Datasheet HTML 59Page - Infineon Technologies AG XC2000 Datasheet HTML 60Page - Infineon Technologies AG XC2000 Datasheet HTML 61Page - Infineon Technologies AG XC2000 Datasheet HTML 62Page - Infineon Technologies AG XC2000 Datasheet HTML 63Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Architectural Overview
Preliminary
User’s Manual
2-31
V1.0, 2007-06
ArchitectureX2K, V1.0
Port 4
8
4
Chip select signals,
Serial interface lines of CAN2,
Input/Output lines for CAPCOM2,
Timer control signals
Port 5
16
11
Analog input channels to ADC0,
Input/Output lines for CCU6x,
Timer control signals,
JTAG, OCDS control, interrupts
Port 6
4
3
ADC control lines,
Serial interface lines of USIC1,
Timer control signals,
OCDS control
Port 7
5
5
ADC control lines,
Serial interface lines of USIC0 and CAN4,
Input/Output lines for CCU62,
Timer control signals,
JTAG, OCDS control,system clock output
Port 8
7
---
Input/Output lines for CCU60,
JTAG, OCDS control
Port 9
8
---
Serial interface lines of USIC2,
Input/Output lines for CCU60 and CCU63,
OCDS control
Port 10
16
16
Address and/or data lines, bus control,
Serial interface lines of USIC0, USIC1, CAN2, CAN3, and
CAN4,
Input/Output lines for CCU60,
JTAG, OCDS control
Port 11
6
---
Input/Output lines for CCU63
Port 15
8
5
Analog input channels to ADC1,
Timer control signals
1) These columns describe the availability of port pins in the different packages.
Table 2-3
Summary of the XC2000’s Parallel Ports (cont’d)
Port
Width
1441)
Width
1001)
Alternate Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com