| Electronic Components Datasheet Search |
|
XC2000 Datasheet(PDF) 71 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC2000 Datasheet(HTML) 71 Page - Infineon Technologies AG |
|
71 / 647 page ![]() XC2000 Derivatives System Units (Vol. 1 of 2) Memory Organization Preliminary User’s Manual 3-9 V1.0, 2007-06 MemoryX2K, V1.1 3.3 Data Memory Areas The XC2000 provides two on-chip RAM areas exclusively for data storage: •The Dual Port RAM (DPRAM) can be used for global register banks (GPRs), system stack, storage of variables and other data, in particular for MAC operands. •The Data SRAM (DSRAM) can be used for system stack (recommended), storage of variables and other data. Note: Data can also be stored in the PSRAM (see Section 3.10). However, both data memory areas provide the fastest access. Two additional on-chip memory areas exist with the special purpose to retain data while the system power domain is switched off: •The Stand-By RAM (SBRAM). •The Marker Memory (MKMEM). Dual-Port RAM (DPRAM) The XC2000 provides 2 Kbytes of DPRAM (00’F600H … 00’FDFFH). Any word or byte data in the DPRAM can be accessed via indirect or long 16-bit addressing modes, if the selected DPP register points to data page 3. Any word data access is made on an even byte address. The highest possible word data storage location in the DPRAM is 00’FDFEH. For PEC data transfers, the DPRAM can be accessed independent of the contents of the DPP registers via the PEC source and destination pointers. The upper 256 bytes of the DPRAM (00’FD00H through 00’FDFFH) are provided for single bit storage, and thus they are bit addressable. Note: Code cannot be executed out of the DPRAM. An area of 3 Kbytes is dedicated to DPRAM (00’F200H … 00’FDFFH). The locations without implemented DPRAM are reserved. Data SRAM (DSRAM) The XC2000 provides 16 Kbytes of DSRAM (00’A000H … 00’CFFFH). Any word or byte data in the DSRAM can be accessed via indirect or long 16-bit addressing modes, if the selected DPP register points to data page 3. Any word data access is made on an even byte address. The highest possible word data storage location in the DSRAM is 00’CFFEH. For PEC data transfers, the DSRAM can be accessed independent of the contents of the DPP registers via the PEC source and destination pointers. Note: Code cannot be executed out of the DSRAM. An area of 20 Kbytes is dedicated to DSRAM (00’8000H … 00’CFFFH). The location without implemented DSRAM are reserved. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |