Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA333AMDCKREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA333AMDCKREP
Description  1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA333AMDCKREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA333AMDCKREP Datasheet HTML 2Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 3Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 4Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 5Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 6Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 7Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 8Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 9Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SMALL−SIGNAL STEP RESPONSE
Time (5
µs/div)
G = +1
R
L = 10kΩ
POSITIVE OVER−VOLTAGE RECOVERY
0
0
Time (50
µs/div)
Input
Output
1 0k Ω
1 kΩ
OPA3 33
+2 .5V
−2.5V
NEGATIVE OVER−VOLTAGE RECOVERY
0
0
Time (50
µs/div)
Input
Output
10 kΩ
1k
Ω
O PA 333
+ 2.5V
−2.5V
SETTLING TIME vs CLOSED−LOOP GAIN
1
600
500
400
300
200
100
0
10
Gain (dB)
100
0.001%
0.01%
4V Step
0.1Hz TO 10Hz NOISE
1s/div
SMALL−SIGNAL OVERSHOOT vs LOAD CAPACITANCE
10
40
35
30
25
20
15
10
5
0
100
Load Capacitance (pF)
1000
OPA333A-EP
,, OPA2333A-EP
SGLS383B – APRIL 2007 – REVISED JUNE 2008 ............................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA333A-EP OPA2333A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com