Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA333AMDCKREP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA333AMDCKREP
Description  1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA333AMDCKREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA333AMDCKREP Datasheet HTML 8Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 9Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 10Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 11Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 12Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 13Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 14Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 15Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
OPA333
3V
NTC
Thermistor
1 M
Ω
60 k
Ω
100 k
Ω
1 M
Ω
V
1
−In
V
2
+In
R
1
R
2
2
3
5
6
1
R
2
OPA333
OPA333
INA152
V
O
V
O = (1 + 2R2/R1) (V2 − V1)
R
1
100k
Ω
1/2
OPA2333
RA
Inverted
V
CM
+V
S
INA321(1)
+V
S
V
OUT
+V
S
+V
S
+V
S
OPA333
+V
S
1/2 V
S
dc
3
2
1
4
5
6
G
TOT = 1kV/V
G
INA = 5
G
OPA = 200
f
LPF = 150Hz
f
HPF = 0.5Hz
(provides ac signal coupling)
V
S = +2.7V to +5.5V
BW = 0.5Hz to 150Hz
f
O = 0.5Hz
Wilson
V
CENTRAL
(RA + LA + LL)/3
7
ac
1/2 V
S
R
2
100k
Ω
1/2
OPA2333
LL
+V
S
R
3
100k
Ω
1/2
OPA2333
LA
R
4
100k
Ω
R
9
20k
Ω
R
6
100k
Ω
RL
+V
S
+V
S
1/2
OPA2333
1/2
OPA2333
1/2
OPA2333
C
4
1.06nF
C
3
1
µF
R
14
1M
Ω
R
12
5k
Ω
R
13
318k
Ω
R
7
100k
Ω
R
8
100k
Ω
R
10
1M
Ω
C
2
0.64
µF
R
11
1M
Ω
C
1
47pF
R
5
390k
Ω
NOTE: (1) Other instrumentation amplifiers can be used,
such as the INA326, which has lower noise,
but higher quiescent current.
OPA333A-EP
,, OPA2333A-EP
SGLS383B – APRIL 2007 – REVISED JUNE 2008 ............................................................................................................................................................ www.ti.com
Figure 7. Thermistor Measurement
Figure 8. Precision Instrumentation Amplifier
Figure 9. Single-Supply, Very-Low-Power ECG Circuit
12
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA333A-EP OPA2333A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com