Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA333AMDCKREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA333AMDCKREP
Description  1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA333AMDCKREP Datasheet(HTML) 2 Page - Texas Instruments

  OPA333AMDCKREP Datasheet HTML 1Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 2Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 3Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 4Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 5Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 6Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 7Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 8Page - Texas Instruments OPA333AMDCKREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DESCRIPTION/ORDERING INFORMATION
1
2
3
5
4
V+
−IN
OUT
V
−
+IN
OPA333A
1
2
3
5
4
V+
OUT
+IN
V
−
−IN
OPA333A
1
2
3
4
8
7
6
5
V+
OUT B
−IN B
+IN B
OUT A
−IN A
+IN A
V
−
A
B
OPA2333A
SOT23-5
SC70-5
SO-8
Absolute Maximum Ratings
(1)
OPA333A-EP
,, OPA2333A-EP
SGLS383B – APRIL 2007 – REVISED JUNE 2008 ............................................................................................................................................................ www.ti.com
The OPA333A series of CMOS operational amplifiers uses a proprietary auto-calibration technique to
simultaneously provide very low offset voltage (10
µV max) and near-zero drift over time and temperature. These
miniature,
high-precision,
low-quiescent-current
amplifiers
offer
high-impedance
inputs
that
have
a
common-mode range 100 mV beyond the rails, and rail-to-rail output that swings within 50 mV of the rails. Single
or dual supplies as low as 1.8 V (±0.9 V) and up to 5.5 V (±2.75 V) may be used. They are optimized for
low-voltage single-supply operation.
The OPA333A family offers excellent common-mode rejection ratio (CMRR) without the crossover associated
with traditional complementary input stages. This design results in superior performance for driving
analog-to-digital converters (ADCs) without degradation of differential linearity.
The OPA333A (single version) is available in the SC70-5 and SOT23-5 packages. The OPA2333A (dual version)
is offered in the SO-8 package. All versions are specified for operation from –55°C to 125°C.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING(2)
OPA333AMDBVREP
SOT23-5
DBV
OBYM
OPA333AMDCKREP
SC70-5
DCK
CHQ
OPA2333AMDREP
SO-8
D
2333EP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
PIN CONFIGURATIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
7
V
Signal input terminals, voltage(2)
–0.3
(V+) + 0.3
V
Output short circuit(3)
Continuous
Operating temperature range
–55
125
°C
Storage temperature range
–65
150(4)
°C
Junction temperature
150
°C
Human-Body Model (HBM)
4000
ESD rating
V
Charged-Device Model (CDM)
1000
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input terminals are diode clamped to the power-supply rails. Input signals that can swing more than 0.3 V beyond the supply rails should
be current limited to 10 mA or less.
(3)
Short circuit to ground, one amplifier per package
(4)
Long-term high-temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction of
overall device life. See http://www.ti.com/ep_quality for additional information on enhanced plastic packaging.
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA333A-EP OPA2333A-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com