Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS321ILT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS321ILT
Description  Low power single operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321ILT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS321ILT Datasheet HTML 2Page - STMicroelectronics TS321ILT Datasheet HTML 3Page - STMicroelectronics TS321ILT Datasheet HTML 4Page - STMicroelectronics TS321ILT Datasheet HTML 5Page - STMicroelectronics TS321ILT Datasheet HTML 6Page - STMicroelectronics TS321ILT Datasheet HTML 7Page - STMicroelectronics TS321ILT Datasheet HTML 8Page - STMicroelectronics TS321ILT Datasheet HTML 9Page - STMicroelectronics TS321ILT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
TS321
6/13
THD
Total harmonic distortion
f = 1kHz, AV = 20dB, RL = 2kΩ, Vo = 2Vpp,
CL = 100pF, VCC
+ = +30V
0.015
%
en
Equivalent input noise
voltage
f = 1kHz, Rs = 100Ω, VCC
+ = +30V
40
1.
Vo = 1.4 V, Rs = 0 Ω, 5 V < VCC
+ < 30 V, 0 < V
icm < VCC
+ - 1.5 V.
2.
The direction of the input current is out of the IC. This current is essentially constant and independent of the state of the
output, therefore there is no change in the load on the input lines.
Table 3.
VCC
+ = +5V, V
CC
- = Ground, V
o = 1.4V, Tamb = +25°C
(unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com