Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS321ILT Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS321ILT
Description  Low power single operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321ILT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS321ILT Datasheet HTML 5Page - STMicroelectronics TS321ILT Datasheet HTML 6Page - STMicroelectronics TS321ILT Datasheet HTML 7Page - STMicroelectronics TS321ILT Datasheet HTML 8Page - STMicroelectronics TS321ILT Datasheet HTML 9Page - STMicroelectronics TS321ILT Datasheet HTML 10Page - STMicroelectronics TS321ILT Datasheet HTML 11Page - STMicroelectronics TS321ILT Datasheet HTML 12Page - STMicroelectronics TS321ILT Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TS321
Macromodel
9/13
FIBN 5 1 VOFP 2.000000E-03
* AMPLIFYING STAGE
FIP 5 19 VOFP 3.600000E+02
FIN 5 19 VOFN 3.600000E+02
RG1 19 5 3.652997E+06
RG2 19 4 3.652997E+06
CC 19 5 6.000000E-09
DOPM 19 22 MDTH 400E-12
DONM 21 19 MDTH 400E-12
HOPM 22 28 VOUT 7.500000E+03
VIPM 28 4 1.500000E+02
HONM 21 27 VOUT 7.500000E+03
VINM 5 27 1.500000E+02
EOUT 26 23 19 5 1
VOUT 23 5 0
ROUT 26 3 20
COUT 3 5 1.000000E-12
DOP 19 25 MDTH 400E-12
VOP 4 25 2.242230E+00
DON 24 19 MDTH 400E-12
VON 24 5 7.922301E-01
.ENDS
4.3
Macromodel electrical characteristics
Table 4.
VCC
+ = +3V, V
CC
- = 0V, R
L, CL connected to VCC/2, Tamb = 25°C
(unless otherwise specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL = 2 kΩ
100
V/mV
ICC
No load, per operator
300
µA
Vicm
0 to +3.5
V
VOH
RL = 2 kΩ
3.5
V
VOL
RL = 2 kΩ
5mV
Ios
Vo = 0 V
40
mA
GBP
RL = 2 kΩ, CL = 100 pF
0.8
MHz
SR
RL = 2 kΩ, CL = 100 pF
0.4
V/
μs
∅mRL = 2 kΩ, CL = 100 pF
60
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com