Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS321ILT Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS321ILT
Description  Low power single operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321ILT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS321ILT Datasheet HTML 5Page - STMicroelectronics TS321ILT Datasheet HTML 6Page - STMicroelectronics TS321ILT Datasheet HTML 7Page - STMicroelectronics TS321ILT Datasheet HTML 8Page - STMicroelectronics TS321ILT Datasheet HTML 9Page - STMicroelectronics TS321ILT Datasheet HTML 10Page - STMicroelectronics TS321ILT Datasheet HTML 11Page - STMicroelectronics TS321ILT Datasheet HTML 12Page - STMicroelectronics TS321ILT Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
TS321
12/13
6
Ordering information
7
Revision history
Table 7.
Order codes
Part number
Temperature
range
Package
Packaging
Marking
TS321ILT
-40°C, +125°C
SOT23-5L
Tape & reel
K401
TS321AILT
K402
TS321ID/IDT
SO-8
Tube or
tape & reel
321I
TS321AID/AIDT
321AI
TS321IYLT(1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q002 or equivalent are on-going.
SOT23-5L
(Automotive grade level)
Tape & reel
K406
TS321AIYLT(1)
K407
Table 8.
Document revision history
Date
Revision
Changes
30-Jun-2001
1
Initial release.
04-Jul-2005
2
PPAP references inserted in the datasheet, see order codes table.
ESD protection inserted in Table 1: Absolute maximum ratings.
06-Sep-2005
3
Correction of errors in package names and markings in order codes
table.
Minor grammatical and formatting corrections.
12-Dec-2005
4
Missing PPAP references inserted, see order codes table.
Thermal resistance junction to ambient and thermal resistance
junction to case information added in Table 1: Absolute maximum
ratings.
Macromodel updated see Section 4: Macromodel.
08-Nov-2007
5
Added CDM value for SO-8 in Table 1: Absolute maximum ratings.
Added Tj value in Table 1: Absolute maximum ratings.
Macromodel updated see Section 4: Macromodel.
Reformatted package information.
Added footnote in Table 7: Order codes.
Removed TS321IYD/IYDT and TS321AIYD/AIYDT order codes.
08-Jul-2008
6
Added CDM value for SOT23-5 package in Table 1: Absolute
maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com