Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1872AIST Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS1872AIST
Description  1.8V input/output rail-to-rail low power operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1872AIST Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS1872AIST Datasheet HTML 10Page - STMicroelectronics TS1872AIST Datasheet HTML 11Page - STMicroelectronics TS1872AIST Datasheet HTML 12Page - STMicroelectronics TS1872AIST Datasheet HTML 13Page - STMicroelectronics TS1872AIST Datasheet HTML 14Page - STMicroelectronics TS1872AIST Datasheet HTML 15Page - STMicroelectronics TS1872AIST Datasheet HTML 16Page - STMicroelectronics TS1872AIST Datasheet HTML 17Page - STMicroelectronics TS1872AIST Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Electrical characteristics
TS1871-TS1872-TS1874
14/26
Figure 37.
Distortion vs. output voltage
Figure 38.
Distortion vs. output voltage
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0080
Output voltage (VRMS)
0.001
0.010
0.100
1.000
10.000
100.000
RL= 1Kohms
Gain = -1
F = 1000 Hz
Vcc = 1.8V
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0080
Output voltage (VRMS)
0.001
0.010
0.100
1.000
10.000
100.000
RL= 1Kohms
Gain = -1
F = 1000 Hz
Vcc = 1.8V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
Output voltage (VRMS)
0.001
0.010
0.100
1.000
10.000
100.000
RL= 1Kohms
Gain = -1
F = 1000 Hz
Vcc = 3V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
Output voltage (VRMS)
0.001
0.010
0.100
1.000
10.000
100.000
RL= 1Kohms
Gain = -1
F = 1000 Hz
Vcc = 3V
Figure 39.
Distortion vs. output voltage
Figure 40.
Distortion vs. output voltage
0.00
0.50
1.00
1.50
2.00
Output voltage (VRMS)
0.001
0.010
0.100
1.000
10.000
100.000
RL= 1Kohms
Gain = -1
F = 1000 Hz
Vcc = 5V
0.00
0.50
1.00
1.50
2.00
Output voltage (VRMS)
0.001
0.010
0.100
1.000
10.000
100.000
RL= 1Kohms
Gain = -1
F = 1000 Hz
Vcc = 5V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
Output voltage (VRMS)
0.001
0.010
0.100
1.000
10.000
100.000
RL= 150 ohms
Gain = -1
F = 1000 Hz
Vcc = 2.7V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
Output voltage (VRMS)
0.001
0.010
0.100
1.000
10.000
100.000
RL= 150 ohms
Gain = -1
F = 1000 Hz
Vcc = 2.7V
Figure 41.
Distortion vs. output voltage
Figure 42.
Distortion vs. output voltage
0.00
0.20
0.40
0.60
0.80
1.00
1.20
Output voltage (VRMS)
0.001
0.010
0.100
1.000
10.000
100.000
RL= 1500 ohms
Gain = -1
F = 1000 Hz
Vcc = 2.7V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
Output voltage (VRMS)
0.001
0.010
0.100
1.000
10.000
100.000
RL= 1500 ohms
Gain = -1
F = 1000 Hz
Vcc = 2.7V
0.00
0.20
0.,40
0.60
0.80
1.00
1.20
Output voltage (VRMS)
0.001
0.010
0.100
1.000
10.000
100.000
RL= 4700 ohms
Gain = -1
F = 1000 Hz
Vcc = 2.7V
0.00
0.20
0.,40
0.60
0.80
1.00
1.20
Output voltage (VRMS)
0.001
0.010
0.100
1.000
10.000
100.000
RL= 4700 ohms
Gain = -1
F = 1000 Hz
Vcc = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com