Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1872AIST Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS1872AIST
Description  1.8V input/output rail-to-rail low power operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1872AIST Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS1872AIST Datasheet HTML 13Page - STMicroelectronics TS1872AIST Datasheet HTML 14Page - STMicroelectronics TS1872AIST Datasheet HTML 15Page - STMicroelectronics TS1872AIST Datasheet HTML 16Page - STMicroelectronics TS1872AIST Datasheet HTML 17Page - STMicroelectronics TS1872AIST Datasheet HTML 18Page - STMicroelectronics TS1872AIST Datasheet HTML 19Page - STMicroelectronics TS1872AIST Datasheet HTML 20Page - STMicroelectronics TS1872AIST Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
TS1871-TS1872-TS1874
Package information
17/26
3.2
DIP8 package information
Figure 49.
DIP8 package mechanical drawing
Table 7.
DIP8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
10.16
0.355
0.365
0.400
E
7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
2.92
3.30
3.81
0.115
0.130
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com