Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1872AIST Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS1872AIST
Description  1.8V input/output rail-to-rail low power operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1872AIST Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS1872AIST Datasheet HTML 18Page - STMicroelectronics TS1872AIST Datasheet HTML 19Page - STMicroelectronics TS1872AIST Datasheet HTML 20Page - STMicroelectronics TS1872AIST Datasheet HTML 21Page - STMicroelectronics TS1872AIST Datasheet HTML 22Page - STMicroelectronics TS1872AIST Datasheet HTML 23Page - STMicroelectronics TS1872AIST Datasheet HTML 24Page - STMicroelectronics TS1872AIST Datasheet HTML 25Page - STMicroelectronics TS1872AIST Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Ordering information
TS1871-TS1872-TS1874
24/26
4
Ordering information
Table 14.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TS1871ID/IDT
TS1871IAID/AIDT
-40°C to +125°C
SO-8
Tube or
tape & reel
1871I
1871AI
TS1871IYD/IYDT(1)
TS1871IAIYD/AIYDT(1)
SO-8
(Automotive grade)
Tube or
tape & reel
1871Y
1871AY
TS1871ILT
TS1871AILT
SOT23-5L
Tape & reel
K171
K172
TS1871IYLT(1)
TS1871AIYLT(1)
SOT23-5L
(Automotive grade)
Tape & reel
K182
K183
TS1872IN
TS1872AIN
DIP8
Tube
1872IN
1872AIN
TS1872ID/IDT
TS1872AID/AIDT
SO-8
Tube or
tape & reel
1872I
1872AI
TS1872IYD/IYDT(1)
TS1872AIYD/AIYDT(1)
SO-8
(Automotive grade)
Tube or
tape & reel
1872Y
1872AY
TS1872IPT
TS1872AIPT
TSSOP8
Tape & reel
1872I
1872A
TS1872IYPT(1)
TS1872AIYPT(1)
TSSOP8
(Automotive grade)
Tape & reel
1872Y
872AY
TS1872IST
TS1872AIST
MiniSO-8
Tape & reel
K171
K172
TS1874IN
TS1874AIN
DIP14
Tube
1874IN
Tube
1874AIN
TS1874ID/IDT
TS1874AID/AIDT
SO-14
Tube or
tape & reel
1874I
1874AI
TS1874IYD/IYDT(1)
TS1874AIYD/AIYDT(1)
SO-14
(Automotive grade)
Tube or
tape & reel
TS1874Y
TS1874AY
TS1874IPT
TS1874AIPT
TSSOP14
Tape & reel
1874I
1874AI
TS1874IYPT(1)
TS1874AIYPT(1)
TSSOP14
(Automotive grade)
Tape & reel
TS1874Y
TS1874AY
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q 002 or equivalent are on-going.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com