Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX162244 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74LCX162244
Description  Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX162244 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74LCX162244 Datasheet HTML 3Page - STMicroelectronics 74LCX162244 Datasheet HTML 4Page - STMicroelectronics 74LCX162244 Datasheet HTML 5Page - STMicroelectronics 74LCX162244 Datasheet HTML 6Page - STMicroelectronics 74LCX162244 Datasheet HTML 7Page - STMicroelectronics 74LCX162244 Datasheet HTML 8Page - STMicroelectronics 74LCX162244 Datasheet HTML 9Page - STMicroelectronics 74LCX162244 Datasheet HTML 10Page - STMicroelectronics 74LCX162244 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74LCX162244
Electrical characteristics
7/15
5
Electrical characteristics
Table 5. DC specification
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
-40 to 85 °C
Min
Max
VIH
High level input
voltage
2.7 to 3.6
2.0
V
VIL
Low level input
voltage
0.8
V
VOH
High level output
voltage
2.7 to 3.6
IO = -100 µAVCC-0.2
V
2.7
IO = -8 mA
2.0
3.0
IO = -6 mA
2.4
IO = -12 mA
2.0
VOL
Low level output
voltage
2.7 to 3.6
IO = 100 µA
0.2
V
2.7
IO = 8 mA
0.6
3.0
IO = 6 mA
0.55
IO = 12 mA
0.8
II
Input leakage current
2.7 to 3.6
VI = 0 to 5.5V
± 5
µA
Ioff
Power OFF leakage
current
0
VI or VO = 5.5V
10
µA
IOZ
High impedance
output leakage
current
2.7 to 3.6
VI = VIH or VIL
VO = 0 to VCC
± 5
µA
ICC
Quiescent supply
current
2.7 to 3.6
VI = VCC or GND
20
µA
VI or VO= 3.6 to 5.5V
± 20
∆I
CC
ICC incr. per Input
2.7 to 3.6
VIH = VCC - 0.6V
500
µA
Table 6. Dynamic switching characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25 °C
Min
Typ
Max
VOLP
Dynamic low level
quiet output (1)
1.
Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to
HIGH. The remaining output is measured in the LOW state.
3.3
CL = 50pF
VIL = 0V, VIH = 3.3V
0.8
V
VOLV
-0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com