Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX162244 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LCX162244
Description  Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX162244 Datasheet(HTML) 5 Page - STMicroelectronics

  74LCX162244 Datasheet HTML 1Page - STMicroelectronics 74LCX162244 Datasheet HTML 2Page - STMicroelectronics 74LCX162244 Datasheet HTML 3Page - STMicroelectronics 74LCX162244 Datasheet HTML 4Page - STMicroelectronics 74LCX162244 Datasheet HTML 5Page - STMicroelectronics 74LCX162244 Datasheet HTML 6Page - STMicroelectronics 74LCX162244 Datasheet HTML 7Page - STMicroelectronics 74LCX162244 Datasheet HTML 8Page - STMicroelectronics 74LCX162244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74LCX162244
Logic states
5/15
2.2
Pin description
3
Logic states
3.1
Truth table
Note:
X : Do not care
Z : High impedance
Table 1. Pin description
Pin N°
Symbol
Name and function
11G
Output enable input
2, 3, 5, 6
1Y1 to 1Y4
Data outputs
8, 9, 11, 12
2Y1 to 2Y4
Data outputs
13, 14, 16, 17
3Y1 to 3Y4
Data outputs
19, 20, 22, 23
4Y1 to 4Y4
Data outputs
24
4G
Output enable input
25
3G
Output enable input
30, 29, 27, 26
4A1 to 4A4
Data outputs
36, 35, 33, 32
3A1 to 3A4
Data outputs
41, 40, 38, 37
2A1 to 2A4
Data outputs
47, 46, 44, 43
1A1 to 1A4
Data outputs
48
2G
Output enable input
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply voltage
Table 2. Truth table
Inputs
Output
G
An
Yn
LL
L
LH
H
HX
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com