Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX162244 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX162244
Description  Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX162244 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX162244 Datasheet HTML 1Page - STMicroelectronics 74LCX162244 Datasheet HTML 2Page - STMicroelectronics 74LCX162244 Datasheet HTML 3Page - STMicroelectronics 74LCX162244 Datasheet HTML 4Page - STMicroelectronics 74LCX162244 Datasheet HTML 5Page - STMicroelectronics 74LCX162244 Datasheet HTML 6Page - STMicroelectronics 74LCX162244 Datasheet HTML 7Page - STMicroelectronics 74LCX162244 Datasheet HTML 8Page - STMicroelectronics 74LCX162244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
February 2007
Rev 4
1/15
15
74LCX162244
Low voltage CMOS 16-bit bus buffer (3-state)
with 5V tolerant inputs and outputs
Features
■ 5V tolerant inputs and outputs
■ High speed:
–tPD = 4.4ns (Max) at VCC = 3V
■ Power down protection on inputs and outputs
■ Symmetrical output impedance:
–|IOH| = IOL = 12mA (Min) at VCC = 3V
■ PCI bus levels guaranteed at 12mA
■ Balanced propagation delays:
–tPLH ≅ tPHL
■ 26Ω serie resistor in outputs
■ Operating voltage range:
–VCC (Opr) = 2.0V to 3.6V
■ Pin and function compatible with
74 series 162244
■ Latch-up performance exceeds 500mA
(JESD 17)
■ ESD performance:
– HBM > 2000V
(MIL STD 883 method 3015); MM > 200V
Description
The 74LCX162244 is a low voltage CMOS 16 bit
bus buffer (non-inverted) fabricated with sub-
micron silicon gate and double-layer metal wiring
C2MOS technology. It is ideal for low power and
high speed 3.3V applications; it can be interfaced
to 5V signal environment for both inputs and
outputs.
Any nG output control governs four bus buffers.
Output Enable input (nG) tied together gives full
16-bit operation.
When nG is LOW, the outputs are on. When nG is
HIGH, the output are in high impedance state.
This device is designed to be used with 3 state
memory address drivers, etc.
The device circuits is including 26
Ω series
resistance in the outputs. These resistors permit
to reduce line noise in high speed applications.
All inputs and outputs are equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
TSSOP48
www.st.com
Order codes
Part number
Package
Packaging
74LCX162244TTR
TSSOP48
Tape and reel


Similar Part No. - 74LCX162244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX162244 FAIRCHILD-74LCX162244 Datasheet
217Kb / 10P
Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
logo
STMicroelectronics
74LCX162244 STMICROELECTRONICS-74LCX162244 Datasheet
223Kb / 10P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Feb-2003
logo
ON Semiconductor
74LCX162244 ONSEMI-74LCX162244 Datasheet
325Kb / 12P
Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
logo
Fairchild Semiconductor
74LCX162244GX FAIRCHILD-74LCX162244GX Datasheet
217Kb / 10P
Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
logo
ON Semiconductor
74LCX162244GX ONSEMI-74LCX162244GX Datasheet
325Kb / 12P
Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
More results

Similar Description - 74LCX162244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX541 STMICROELECTRONICS-74LCX541 Datasheet
225Kb / 9P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Sep-2001
74LCX162244 STMICROELECTRONICS-74LCX162244 Datasheet
223Kb / 10P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74LCX16541 STMICROELECTRONICS-74LCX16541 Datasheet
156Kb / 9P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS/OUTPUTS (NON INVERTED)
Feb-2003
74LCX162541 STMICROELECTRONICS-74LCX162541 Datasheet
246Kb / 15P
Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs
06-Feb-2007
74LCX16244 STMICROELECTRONICS-74LCX16244 Datasheet
225Kb / 10P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74LCX125 STMICROELECTRONICS-74LCX125_06 Datasheet
241Kb / 16P
Low voltage CMOS quad bus buffer (3-State) with 5V tolerant inputs and outputs
13-Jul-2006
74LCX16240 STMICROELECTRONICS-74LCX16240 Datasheet
239Kb / 15P
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
02-Feb-2007
74LCX16244 STMICROELECTRONICS-74LCX16244_07 Datasheet
237Kb / 15P
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
06-Feb-2007
74LCX16245 STMICROELECTRONICS-74LCX16245_07 Datasheet
260Kb / 15P
Low voltage CMOS 16-bit bus transceiver (3-state) with 5V tolerant inputs and outputs
06-Feb-2007
74LCXH162244 STMICROELECTRONICS-74LCXH162244 Datasheet
229Kb / 10P
Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com