Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVQ02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LVQ02
Description  LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ02 Datasheet(HTML) 1 Page - STMicroelectronics

  74LVQ02 Datasheet HTML 1Page - STMicroelectronics 74LVQ02 Datasheet HTML 2Page - STMicroelectronics 74LVQ02 Datasheet HTML 3Page - STMicroelectronics 74LVQ02 Datasheet HTML 4Page - STMicroelectronics 74LVQ02 Datasheet HTML 5Page - STMicroelectronics 74LVQ02 Datasheet HTML 6Page - STMicroelectronics 74LVQ02 Datasheet HTML 7Page - STMicroelectronics 74LVQ02 Datasheet HTML 8Page - STMicroelectronics 74LVQ02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2004
s
HIGH SPEED:
tPD = 5 ns (TYP.) at VCC = 3.3 V
s
COMPATIBLE WITH TTL OUTPUTS
s
LOW POWER DISSIPATION:
ICC = 2µA(MAX.) at TA=25°C
s
LOW NOISE:
VOLP = 0.3V (TYP.) at VCC = 3.3V
s
75
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 12mA (MIN) at VCC = 3.0V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 02
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74LVQ02 is a low voltage CMOS QUAD
2-INPUT NOR GATE fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology. It is ideal for low power and low noise
3.3V applications.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LVQ02
LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LVQ02MTR
TSSOP
74LVQ02TTR
TSSOP
SOP
Rev. 5


Similar Part No. - 74LVQ02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ02 STMICROELECTRONICS-74LVQ02 Datasheet
56Kb / 8P
QUAD 2-INPUT NOR GATE
Feb-1999
logo
Fairchild Semiconductor
74LVQ02 FAIRCHILD-74LVQ02 Datasheet
64Kb / 6P
Low Voltage Quad 2-Input NOR Gate
74LVQ02 FAIRCHILD-74LVQ02 Datasheet
51Kb / 5P
Low Voltage Quad 2-Input NOR Gate
logo
STMicroelectronics
74LVQ02M STMICROELECTRONICS-74LVQ02M Datasheet
56Kb / 8P
QUAD 2-INPUT NOR GATE
Feb-1999
logo
Fairchild Semiconductor
74LVQ02SC FAIRCHILD-74LVQ02SC Datasheet
64Kb / 6P
Low Voltage Quad 2-Input NOR Gate
More results

Similar Description - 74LVQ02

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX02 MOTOROLA-MC74LCX02 Datasheet
135Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
MC74LVQ02 MOTOROLA-MC74LVQ02 Datasheet
185Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02 Datasheet
135Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
1996 REV 1
logo
Fairchild Semiconductor
74LVQ02 FAIRCHILD-74LVQ02 Datasheet
64Kb / 6P
Low Voltage Quad 2-Input NOR Gate
logo
Motorola, Inc
MC74VQ02 MOTOROLA-MC74VQ02 Datasheet
103Kb / 7P
LOW-VOLTAGE QUIET CMOS QUAD 2-INPUT NOR GATE
logo
Fairchild Semiconductor
74LVQ02 FAIRCHILD-74LVQ02_01 Datasheet
51Kb / 5P
Low Voltage Quad 2-Input NOR Gate
logo
Texas Instruments
CD4001UBE TI1-CD4001UBE Datasheet
857Kb / 14P
CMOS Quad 2-Input NOR Gate
CD4001UBM TI-CD4001UBM Datasheet
857Kb / 14P
CMOS Quad 2-Input NOR Gate
CD4001UB TI1-CD4001UB_15 Datasheet
1Mb / 14P
CMOS Quad 2-input NOR Gate
logo
ON Semiconductor
MC74LCX02 ONSEMI-MC74LCX02_14 Datasheet
110Kb / 7P
Low-Voltage CMOS Quad 2-Input NOR Gate
August, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com