Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQFP100 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LQFP100
Description  32-bit ARM Cortex-M3 microcontroller;
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LQFP100 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LQFP100 Datasheet HTML 1Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 2Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 3Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 4Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 5Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 6Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 7Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 8Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
LPC1766_0.02
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 00.02 — 12 August 2008
4 of 70
NXP Semiconductors
LPC1766
Fast communication chip
4.1 Ordering options
Table 2.
Ordering options for LPC1766 and related LPC17xx parts
Type number
Flash
Total
SRAM
Ethernet
USB
CAN
I2S
DAC
Package
Sampling
LPC1766FBD100
256 kB
64 kB
yes
Device/
Host/OTG
2
yes
yes
100 pins
Q4 2008
LPC1765FBD100
256 kB
64 kB
no
Device/
Host/OTG
2
yes
yes
100 pins
Q4 2008
LPC1764FBD100
128 kB
32 kB
yes
no
2
no
no
100 pins
Q4 2008
LPC1754FBD80
128 kB
32 kB
yes
Device/
Host/OTG
2
yes
yes
80 pins
Q4 2008
LPC1753FBD80
128 kB
32 kB
no
Device/
Host/OTG
1
no
yes
80 pins
Q4 2008
LPC1752FBD80
64 kB
16 kB
no
Device
1
no
no
80 pins
Q4 2008
LPC1751FBD80
32 kB
8 kB
no
Device
1
no
no
80 pins
Q4 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com