Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQFP100 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # LQFP100
Description  32-bit ARM Cortex-M3 microcontroller;
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LQFP100 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button LQFP100 Datasheet HTML 41Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 42Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 43Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 44Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 45Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 46Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 47Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 48Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
LPC1766_0.02
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 00.02 — 12 August 2008
45 of 70
NXP Semiconductors
LPC1766
Fast communication chip
10.2 Electrical pin characteristics
Measured on pins Pn.m; VDD(3V3) = x.x V.
Fig 10. Typical LOW-level output IOLcurrent versus LOW-level output VOL
Measured on pins Pn.m; VDD(3V3) = x.x V.
Fig 11. Typical HIGH-level output IOH current versus HIGH-level output voltage VOH
VOL (V)
0
0.6
0.4
0.2
002aad979
10
5
15
20
IOL
(mA)
0
tbd
T = 85
°C
T = 25
°C
T =
−40 °C
VOH (V)
0
6.0
4.0
2.0
002aad980
−10
−15
−5
0
IOH
(mA)
−20
tbd
T = 85
°C
T = 25
°C
T =
−40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com