Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQFP100 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # LQFP100
Description  32-bit ARM Cortex-M3 microcontroller;
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LQFP100 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button LQFP100 Datasheet HTML 40Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 41Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 42Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 43Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 44Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 45Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 46Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 47Page - List of Unclassifed Manufacturers LQFP100 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
LPC1766_0.02
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 00.02 — 12 August 2008
44 of 70
NXP Semiconductors
LPC1766
Fast communication chip
RIT
<tbd>
<tbd>
<tbd>
<tbd>
UART0
<tbd>
<tbd>
<tbd>
<tbd>
UART1
<tbd>
<tbd>
<tbd>
<tbd>
UART2
<tbd>
<tbd>
<tbd>
<tbd>
UART3
<tbd>
<tbd>
<tbd>
<tbd>
PWM1
<tbd>
<tbd>
<tbd>
<tbd>
Motor control
PWM
<tbd>
<tbd>
<tbd>
<tbd>
Quadrature
encoder
<tbd>
<tbd>
<tbd>
<tbd>
I2C0-bus
<tbd>
<tbd>
<tbd>
<tbd>
I2C1-bus
<tbd>
<tbd>
<tbd>
<tbd>
I2C2-bus
<tbd>
<tbd>
<tbd>
<tbd>
SPI
<tbd>
<tbd>
<tbd>
<tbd>
SSP0
<tbd>
<tbd>
<tbd>
<tbd>
SSP1
<tbd>
<tbd>
<tbd>
<tbd>
CAN1
<tbd>
<tbd>
<tbd>
<tbd>
CAN2
<tbd>
<tbd>
<tbd>
<tbd>
ADC
<tbd>
<tbd>
<tbd>
<tbd>
DAC
<tbd>
<tbd>
<tbd>
<tbd>
USB
<tbd>
<tbd>
<tbd>
<tbd>
Ethernet
<tbd>
<tbd>
<tbd>
<tbd>
GPDMA controller <tbd>
<tbd>
<tbd>
<tbd>
Table 7.
Typical peripheral current consumption …continued
Core voltage 3.3 V; Tamb =25 °C; all measurements in μA; PCLK = CCLK⁄8; all peripherals enabled.
Peripheral
CCLK = 12 MHz
CCLK = 80 MHz
active mode
sleep mode
active mode
sleep mode
Table 8.
Typical RTC power consumption
VBAT = 3.3 V; Tamb =25 °C; all measurements in μA; RTC clock = 1 Hz; VREG not present.
Power modes
active
sleep
deep-sleep
power-down
deep
power-down
IBAT in μA
<tbd>
<tbd>
<tbd>
<tbd>
<tbd>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com