Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLA01 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLA01
Description  50 mA stand-alone linear LED driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA01 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLA01 Datasheet HTML 3Page - STMicroelectronics STLA01 Datasheet HTML 4Page - STMicroelectronics STLA01 Datasheet HTML 5Page - STMicroelectronics STLA01 Datasheet HTML 6Page - STMicroelectronics STLA01 Datasheet HTML 7Page - STMicroelectronics STLA01 Datasheet HTML 8Page - STMicroelectronics STLA01 Datasheet HTML 9Page - STMicroelectronics STLA01 Datasheet HTML 10Page - STMicroelectronics STLA01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STLA01
Electrical characteristics
7/16
5
Electrical characteristics
Table 6.
Electrical characteristics (VCC = VEN = 5 V, CIN = 1 µF, TJ = -40° to 85°C unless otherwise
specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Supply voltage
3.75
6
V
ICC
Supply current
RPROG = 2.4 kΩ
750
µA
RPROG = 6.2 kΩ
(1)
1.
Guaranteed by design, but not tested in production.
300
RPROG =12.4 kΩ
(1)
200
Shutdown mode VEN = GND
5
10
ILED-MIN
Minimum LED pin current
Current mode RPROG=65 kΩ,
VLED=3 V
2mA
ILED
LED pin current
Current mode RPROG=2.4 kΩ,
VLED=3 V
47.5
50
52.5
mA
Current mode RPROG=6.2 kΩ,
VLED=3 V
(1)
19
20
21
Current mode RPROG=12.4 kΩ,
VLED=3 V
(1)
9.5
10
10.5
Shutdown mode VEN=GND,
TJ = 25 °C
0
±1
µA
VPROG
PROG pin voltage
RPROG = 2.4 kΩ
1.22
V
RPROG = 6.2 kΩ
(1)
1.22
RPROG = 12.4 kΩ
(1)
1.22
VEN
EN threshold high
VCC = 3.75 V to 6 V
0.3
0.92
1.2
V
EN hysteresis
120
mV
REN
EN pin input resistance
VEN = 5 V
2
M
Ω
RON
Power FET ON resistance
(between VCC and LED)
ILED = 50 mA
8
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com