Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLA01 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLA01
Description  50 mA stand-alone linear LED driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA01 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLA01 Datasheet HTML 6Page - STMicroelectronics STLA01 Datasheet HTML 7Page - STMicroelectronics STLA01 Datasheet HTML 8Page - STMicroelectronics STLA01 Datasheet HTML 9Page - STMicroelectronics STLA01 Datasheet HTML 10Page - STMicroelectronics STLA01 Datasheet HTML 11Page - STMicroelectronics STLA01 Datasheet HTML 12Page - STMicroelectronics STLA01 Datasheet HTML 13Page - STMicroelectronics STLA01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Typical performance characteristics
STLA01
10/16
Figure 10.
PROG pin voltage vs temperature
Figure 11.
PROG pin voltage vs RPROG
Figure 12.
Enable pin voltage vs temperature
Figure 13.
Enable pin input resistance vs
temperature
Figure 14.
RON vs temperature
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
-50
-25
0
25
50
75
100
T [°C]
R
PROG=2.4 kohm
R
PROG=6.2 kohm
R
PROG=12.4 kohm
V
EN=VCC=5 V, CIN=1 µF, VLED=3 V
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
-50
-25
0
25
50
75
100
T [°C]
R
PROG=2.4 kohm
R
PROG=6.2 kohm
R
PROG=12.4 kohm
V
EN=VCC=5 V, CIN=1 µF, VLED=3 V
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
0
10
2030
4050
6070
R
PROG [kohm]
V
EN=VCC=5 V; CIN=1 µF ; VLED=3 V, T = -40 °C to 85 °C
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
0
10
2030
4050
6070
R
PROG [kohm]
V
EN=VCC=5 V; CIN=1 µF ; VLED=3 V, T = -40 °C to 85 °C
V
CC=5 V; CIN=1 µF; VLED=3 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-50
-25
0
25
50
75
100
125
150
T [°C]
ON
OFF
V
CC=5 V; CIN=1 µF; VLED=3 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-50
-25
0
25
50
75
100
125
150
T [°C]
ON
OFF
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
T [°C]
V
EN=5 V, VCC=5 V, CIN=1 µF, VLED=3 V
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
T [°C]
V
EN=5 V, VCC=5 V, CIN=1 µF, VLED=3 V
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100
T [°C]
V
EN=VCC=5 V, CIN=1 µF, ILED=50 mA
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100
T [°C]
V
EN=VCC=5 V, CIN=1 µF, ILED=50 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com