Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLA01 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLA01
Description  50 mA stand-alone linear LED driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLA01 Datasheet(HTML) 4 Page - STMicroelectronics

  STLA01 Datasheet HTML 1Page - STMicroelectronics STLA01 Datasheet HTML 2Page - STMicroelectronics STLA01 Datasheet HTML 3Page - STMicroelectronics STLA01 Datasheet HTML 4Page - STMicroelectronics STLA01 Datasheet HTML 5Page - STMicroelectronics STLA01 Datasheet HTML 6Page - STMicroelectronics STLA01 Datasheet HTML 7Page - STMicroelectronics STLA01 Datasheet HTML 8Page - STMicroelectronics STLA01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pin configuration
STLA01
4/16
2
Pin configuration
Figure 2.
Pin connections (top view)
Table 2.
Pin description
Pin n°
Symbol
Name and function
1
GND
Ground
2
NC
Not connected
3LED
This pin provide an accurate output limited current. In shutdown mode no current
can flow to the LED.
4VCC
Input supply voltage. The input range is from 3.75 V to 6 V.
5
PROG
Current limitation program. (1)
6
EN
Enable pin. Tie to VCC if unused.
Exposed
Pad
GND
To be connected to PCB ground plane for optimal electrical and thermal
performance.
1.
The PROG pin is a high impedance pin, It is possible to connect only the programming resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com