| Electronic Components Datasheet Search |
|
STTS424E02BDA6F Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTS424E02BDA6F Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 51 page ![]() STTS424E02 SPD EEPROM operation 31/51 5.4.1 SWP and CWP If the software write-protection has been set with the SWP instruction, it can be cleared again with a CWP instruction. The two instructions (SWP and CWP) have the same format as a Byte Write instruction, but with a different Device Type Identifier (as shown in Table 20). Like the Byte Write instruction, it is followed by an address byte and a data byte, but in this case the contents are all “Don’t Care” (Figure 11). Another difference is that the voltage, VHV, must be applied on the A0 pin, and specific logical levels must be applied on the other two address pins A1 and A2 (as shown in Table 20). 5.4.2 PSWP If the software write-protection has been set with the PSWP instruction, the first 128 bytes of the memory are permanently write-protected. This write-protection cannot be cleared by any instruction, or by power-cycling the device, and regardless the state of Write Control (WC). Also, once the PSWP instruction has been successfully executed, the SPD EEPROM no longer acknowledges any instruction (with a Device Type Identifier of 0110) to access the write-protection settings. Figure 11. Setting the write protection (WC = 0) 5.5 Write operations Following a Start condition the bus master sends a Device Select Code with the RW bit reset to 0. The device acknowledges this, as shown in Figure 12, and waits for an address byte. The device responds to the address byte with an acknowledge bit, and then waits for the data byte. When the bus master generates a Stop condition immediately after the Ack bit (in the “10th bit” time slot), either at the end of a Byte Write or a Page Write, the internal memory Write cycle is triggered. A Stop condition at any other time slot does not trigger the internal Write cycle. During the internal Write cycle, Serial Data (SDA) and Serial Clock (SCL) are ignored, and the device does not respond to any requests. SDA LINE AI01935B ACK WORD ADDRESS VALUE (DON'T CARE) ACK DATA VALUE (DON'T CARE) ACK CONTROL BYTE BUS ACTIVITY MASTER BUS ACTIVITY |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |