Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS424E02BDA6F Datasheet(PDF) 37 Page - STMicroelectronics

Part # STTS424E02BDA6F
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02BDA6F Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STTS424E02BDA6F Datasheet HTML 33Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 34Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 35Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 36Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 37Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 38Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 39Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 40Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
STTS424E02
Use in a memory module
37/51
7.1.2
DIMM inserted in the application motherboard
As the final application cannot drive the A0 pin to VHV, the only possible action is to freeze
the write-protection with the PSWP instruction.
Table 23 and Table 24 show how the Ack bits can be used to identify the write-protection
status.
Table 23.
Acknowledge when writing data or defining the write-protection (instructions with
R/W bit=0)
Status
WC
Input
Level
Instruction
Ack
Address
Ack
Data byte
Ack
Write
cycle(tW)
Permanently
protected
X
PSWP, SWP or CWP
NoAck
Not
significant
NoAck
Not
significant
NoAck
No
Page or byte write in
lower 128 bytes
Ack
Address
Ack
Data
NoAck
No
Protected with
SWP
SWP
NoAck
Not
significant
NoAck
Not
significant
NoAck
No
CWP
Ack
Not
significant
Ack
Not
significant
Ack
Yes
0
PSWP
Ack
Not
significant
Ack
Not
significant
Ack
Yes
Page or byte write in
lower 128 bytes
Ack
Address
Ack
Data
NoAck
No
Not Protected
0
PSWP, SWP or CWP
Ack
Not
significant
Ack
Not
significant
Ack
Yes
Page or byte write
Ack
Address
Ack
Data
Ack
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com