Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS424E02BDA6F Datasheet(PDF) 36 Page - STMicroelectronics

Part # STTS424E02BDA6F
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02BDA6F Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STTS424E02BDA6F Datasheet HTML 32Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 33Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 34Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 35Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 36Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 37Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 38Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 39Page - STMicroelectronics STTS424E02BDA6F Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Initial delivery state - SPD
STTS424E02
36/51
6
Initial delivery state - SPD
The device is delivered with all bits in the memory array set to ‘1’ (each byte contains FFh).
7
Use in a memory module
In the Dual In line Memory Module (DIMM) application, the SPD is soldered directly on to
the printed circuit module. The three Chip Enable inputs (A0, A1, A2) must be connected to
VSS or VDD directly (that is without using a pull-up or pull-down resistor) through the DIMM
socket (see Table 22).
The Write Control (WC) of the device is tied to ground to maintain full read and write access.
7.1
Programming the SPD
The situations in which the SPD EEPROM is programmed can be considered under two
headings:
●
when the DIMM is isolated (not inserted on the PCB motherboard)
●
when the DIMM is inserted on the PCB motherboard
7.1.1
DIMM isolated
With specific programming equipment, it is possible to define the SPD EEPROM content,
using Byte and Page Write instructions, and its write-protection using the SWP and CWP
instructions. To issue the SWP and CWP instructions, the DIMM must be inserted in the
application-specific slot where the A0 signal can be driven to VHV during the whole
instruction. This programming step is mainly intended for use by DIMM makers, whose end
application manufacturers will want to clear this write-protection with the CWP on their own
specific programming equipment, to modify the lower 128 bytes, and finally to set
permanently the write-protection with the PSWP instruction.
Table 22.
DRAM DIMM connections
DIMM position
A2
A1
A0
0
VSS (0)
VSS (0)
VSS (0)
1
VSS(0)
VSS (0)
VDD (1)
2
VSS (0)
VDD (1)
VSS (0)
3
VSS (0)
VDD (1)
VDD(1)
4
VDD (1)
VSS (0)
VSS (0)
5
VDD (1)
VSS (0)
VDD (1)
6
VDD (1)
VDD (1)
VSS (0)
7
VDD (1)
VDD (1)
VDD (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com