Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF01-1003M3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF01-1003M3
Description  1 line IPAD, EMI filter and ESD protection in Micro QFN package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF01-1003M3 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF01-1003M3 Datasheet HTML 1Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 2Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 3Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 4Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 5Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 6Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 7Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 8Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2007
Rev 1
1/10
EMIF01-1003M3
1 line IPAD™, EMI filter and ESD protection in Micro QFN package
Features
■ Single line EMI symmetrical (I/O) low-pass filter
■ High efficiency in EMI filtering
■ Very low PCB space consumption:
1.0 mm x 0.6 mm
■ Very thin package: 0.6 mm max
■ High efficiency in ESD suppression
(IEC 61000-4-2 level 4).
■ High reliability offered by monolithic integration
■ High reduction of parasitic elements through
integration and wafer level packaging.
■ Lead free package
■ Easy layout and flexibility due to single line
topology
■ Low capacitance
Complies with following standards
■ IEC 61000-4-2 level 4 input and output pins
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883G - Method 3015-7 Class 3B (all
pins)
Applications
Where EMI filtering in ESD sensitive equipment is
required:
■ Keyboard for mobile phones
■ Computers and printers
■ Communication systems
■ MCU boards
Description
The EMIF01-1003M3 is a 1 line highly integrated
device designed to suppress EMI/RFI noise in all
systems exposed to electromagnetic interference.
This filter includes ESD protection circuitry, which
prevents damage to the application when
subjected to ESD surges up to 15 kV on all pins.
Figure 1.
Pin configuration (top view)
Figure 2.
Basic cell configuration
TM: IPAD is a trademark of STMicroelectronics
SOT-883
(JEDEC MO-236AA compliant)
GND
IN
OUT
R = 100
C
= 30 pF typ. @ 0 V
Ω
LINE
Input
Output
www.st.com


Similar Part No. - EMIF01-1003M3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF01-1003M3 STMICROELECTRONICS-EMIF01-1003M3_10 Datasheet
136Kb / 11P
1 line IPAD?? EMI filter and ESD protection in Micro QFN package
03-Nov-2010
More results

Similar Description - EMIF01-1003M3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF08-1005M16 STMICROELECTRONICS-EMIF08-1005M16 Datasheet
276Kb / 10P
8-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
EMIF06-1502M12 STMICROELECTRONICS-EMIF06-1502M12_08 Datasheet
195Kb / 10P
6-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
EMIF08-1502M16 STMICROELECTRONICS-EMIF08-1502M16 Datasheet
196Kb / 10P
8-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
EMIF06-1005M12 STMICROELECTRONICS-EMIF06-1005M12 Datasheet
180Kb / 10P
6-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
EMIF04-1502M8 STMICROELECTRONICS-EMIF04-1502M8 Datasheet
198Kb / 10P
4-line IPAD??low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
EMIF02-1003M6 STMICROELECTRONICS-EMIF02-1003M6 Datasheet
199Kb / 10P
2 line IPAD?? EMI filter and ESD protection in Micro QFN package
07-Oct-2007
EMIF04-1005M8 STMICROELECTRONICS-EMIF04-1005M8 Datasheet
181Kb / 10P
4-line IPAD low capacitance EMI filter and ESD protection in micro QFN package
04-Feb-2008
EMIF06-1005N12 STMICROELECTRONICS-EMIF06-1005N12 Datasheet
486Kb / 12P
6-line IPAD?? low capacitance EMI filter and ESD protection in Narrow Micro QFN package
12-Jan-2010
EMIF01-1003M3 STMICROELECTRONICS-EMIF01-1003M3_10 Datasheet
136Kb / 11P
1 line IPAD?? EMI filter and ESD protection in Micro QFN package
03-Nov-2010
EMIF08-LCD04M16 STMICROELECTRONICS-EMIF08-LCD04M16 Datasheet
329Kb / 10P
8-line L-C IPAD?? EMI filter and ESD protection in Micro QFN
10-Nov-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com