Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF01-1003M3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF01-1003M3
Description  1 line IPAD, EMI filter and ESD protection in Micro QFN package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF01-1003M3 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF01-1003M3 Datasheet HTML 1Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 2Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 3Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 4Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 5Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 6Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 7Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 8Page - STMicroelectronics EMIF01-1003M3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EMIF01-1003M3
Package information
5/10
4
Package information
●
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available
at: www.st.com.
Table 3.
SOT-883 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.50
0.18
0.2
A1
0.00
0.05
0.00
0.02
b
0.100.150.200.040.060.08
b1
0.45
0.50
0.55
0.18
0.20
0.22
D
0.60
0.24
E
1.00
0.39
e
0.35
0.14
e1
0.65
0.26
L
0.200.250.300.080.100.12
L1
0.20
0.25
0.30
0.08
0.10
0.12
Figure 9.
Footprint (dimensions in mm) Figure 10.
Marking
E
D
A
A1
b1
3
L1
L
e1
1
e
b
2
0.40
0.50
0.15
0.20
0.40
0.40
1
2
3
F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com